Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 35 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 35 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 31Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 32Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 33Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 34Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 35Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Revision 1.0
Page 35 of 78
nRF24L01+ Product Specification
7.5
Enhanced ShockBurst flowcharts
This section contains flowcharts outlining PTX and PRX operation in Enhanced ShockBurst™.
7.5.1
PTX operation
The flowchart in Figure 10. outlines how a nRF24L01+ configured as a PTX behaves after entering
standby-I mode.
Note: ShockBurst™ operation is outlined with a dashed square.
Figure 10. PTX operations in Enhanced ShockBurst™
Start Primary TX
Standby-I mode
Standby-II mode
CE=1
Packet in TX
FIFO?
Transmit Packet
Is Auto Re-
Transmit
enabled?
RX mode and
packet
disassembly
Yes
Yes
Yes
No
Packet in TX
FIFO?
No
Is an ACK
received?
Timeout?
Has ARD
elapsed?
Yes
Standby-II mode
TX mode
Retransmit last
packet
TX Settling and
packet assembly
Packet in TX
FIFO?
Yes
Is CE =1?
No
Is CE =1?
No
Yes
No
Yes
No
Yes
TX Settling
Number of
retries = ARC?
No
RX Settling
Set MAX_RT IRQ
No
No
Yes
Set TX_DS IRQ
Yes
Has the ACK
payload?
Put payload in RX
FIFO.
Set TX_DS IRQ
and RX_DR IRQ
Set TX_DS IRQ
Yes
No
No_ACK?
No
Yes
No
Yes
ShockBurst operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com