Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 62 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 62 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 61Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 62Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 63Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 64Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 65Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 66Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Revision 1.0
Page 62 of 78
nRF24L01+ Product Specification
N/A
ACK_PLD
255:0
X
W
Written by separate SPI command
ACK packet payload to data pipe number PPP
given in SPI command.
Used in RX mode only.
Maximum three ACK packet payloads can be
pending. Payloads with same PPP are handled
first in first out.
N/A
TX_PLD
255:0
X
W
Written by separate SPI command TX data pay-
load register 1 - 32 bytes.
This register is implemented as a FIFO with three
levels.
Used in TX mode only.
N/A
RX_PLD
255:0
X
R
Read by separate SPI command.
RX data payload register. 1 - 32 bytes.
This register is implemented as a FIFO with three
levels.
All RX channels share the same FIFO.
1C
DYNPD
Enable dynamic payload length
Reserved
7:6
0
R/W Only ‘00’ allowed
DPL_P5
5
0
R/W Enable dynamic payload length data pipe 5.
(Requires EN_DPL and ENAA_P5)
DPL_P4
4
0
R/W Enable dynamic payload length data pipe 4.
(Requires EN_DPL and ENAA_P4)
DPL_P3
3
0
R/W Enable dynamic payload length data pipe 3.
(Requires EN_DPL and ENAA_P3)
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com