Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 60 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 60 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 61Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 62Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 63Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 64Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Revision 1.0
Page 60 of 78
nRF24L01+ Product Specification
0B
RX_ADDR_P1
39:0 0xC2C2C
2C2C2
R/W Receive address data pipe 1. 5 Bytes maximum
length. (LSByte is written first. Write the number of
bytes defined by SETUP_AW)
0C
RX_ADDR_P2
7:0
0xC3
R/W Receive address data pipe 2. Only LSB. MSBytes
are equal to RX_ADDR_P1[39:8]
0D
RX_ADDR_P3
7:0
0xC4
R/W Receive address data pipe 3. Only LSB. MSBytes
are equal to RX_ADDR_P1[39:8]
0E
RX_ADDR_P4
7:0
0xC5
R/W Receive address data pipe 4. Only LSB. MSBytes
are equal to RX_ADDR_P1[39:8]
0F
RX_ADDR_P5
7:0
0xC6
R/W Receive address data pipe 5. Only LSB. MSBytes
are equal to RX_ADDR_P1[39:8]
10
TX_ADDR
39:0 0xE7E7E
7E7E7
R/W Transmit address. Used for a PTX device only.
(LSByte is written first)
Set RX_ADDR_P0 equal to this address to handle
automatic acknowledge if this is a PTX device with
Enhanced ShockBurst™ enabled. See page 75.
11
RX_PW_P0
Reserved
7:6
00
R/W Only '00' allowed
RX_PW_P0
5:0
0
R/W Number of bytes in RX payload in data pipe 0 (1 to
32 bytes).
0 Pipe not used
1 = 1 byte
…
32 = 32 bytes
12
RX_PW_P1
Reserved
7:6
00
R/W Only '00' allowed
RX_PW_P1
5:0
0
R/W Number of bytes in RX payload in data pipe 1 (1 to
32 bytes).
0 Pipe not used
1 = 1 byte
…
32 = 32 bytes
13
RX_PW_P2
Reserved
7:6
00
R/W Only '00' allowed
RX_PW_P2
5:0
0
R/W Number of bytes in RX payload in data pipe 2 (1 to
32 bytes).
0 Pipe not used
1 = 1 byte
…
32 = 32 bytes
14
RX_PW_P3
Reserved
7:6
00
R/W Only '00' allowed
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com