Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 34 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 34 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 30Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 31Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 32Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 33Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 34Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 35Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Revision 1.0
Page 34 of 78
nRF24L01+ Product Specification
•
Auto Retransmit Delay (ARD) has elapsed.
•
No address match within 250µs (or 500µs in 250kbps mode).
•
After received packet (CRC correct or not).
nRF24L01+ asserts the TX_DS IRQ when the ACK packet is received.
nRF24L01+ enters standby-I mode if there is no more untransmitted data in the TX FIFO and the CE pin is
low. If the ACK packet is not received, nRF24L01+ goes back to TX mode after a delay defined by ARD
and retransmits the data. This continues until acknowledgment is received, or the maximum number of
retransmits is reached.
Two packet loss counters are incremented each time a packet is lost, ARC_CNT and PLOS_CNT in the
OBSERVE_TX
register. The ARC_CNT counts the number of retransmissions for the current transaction.
You reset ARC_CNT by initiating a new transaction. The PLOS_CNT counts the total number of retrans-
missions since the last channel change. You reset PLOS_CNT by writing to the RF_CH register. It is possi-
ble to use the information in the OBSERVE_TX register to make an overall assessment of the channel
quality.
The ARD defines the time from the end of a transmitted packet to when a retransmit starts on the PTX.
ARD is set in SETUP_RETR register in steps of 250µs. A retransmit is made if no ACK packet is received by
the PTX.
There is a restriction on the length of ARD when using ACK packets with payload. The ARD time must
never be shorter than the sum of the startup time and the time on-air for the ACK packet:
•
For 2Mbps data rate and 5 byte address; 15 byte is maximum ACK packet payload length for
ARD=250µs (reset value).
•
For 1Mbps data rate and 5 byte address; 5 byte is maximum ACK packet payload length for
ARD=250µs (reset value).
ARD=500µs is long enough for any ACK payload length in 1 or 2Mbps mode.
•
For 250kbps data rate and 5byte address the following values apply:
Table 18. Maximum ACK payload length for different retransmit delays at 250kbps
As an alternative to Auto Retransmit it is possible to manually set the nRF24L01+ to retransmit a packet a
number of times. This is done by the REUSE_TX_PL command. The MCU must initiate each transmission
of the packet with a pulse on the CE pin when this command is used.
ARD
ACK packet size (in bytes)
1500µs
All ACK payload sizes
1250µs
< 24
1000µs
< 16
750µs
< 8
500µs
Empty ACK with no payload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com