Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 16Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 19Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 21Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 22Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 23Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Revision 1.0
Page 20 of 78
nRF24L01+ Product Specification
5.6
DC characteristics
Table 12. Digital input pin
Table 13. Digital output pin
5.7
Power on reset
Table 14. Power on reset
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
VIH
HIGH level input voltage
0.7VDD
5.25a
a. If the input signal >3.6V, the VDD of the nRF24L01+ must be between 2.7V and 3.3V (3.0V±10%)
V
VIL
LOW level input voltage
VSS
0.3VDD
V
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
VOH
HIGH level output voltage (IOH=-0.25mA)
VDD
-0.3
VDD
V
VOL
LOW level output voltage (IOL=0.25mA)
0.3
V
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
TPUP
Power ramp up time
a
a. From 0V to 1.9V.
100
ms
TPOR
Power on reset
b
b. Measured from when the VDD reaches 1.9V to when the reset finishes.
1100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com