Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 15Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 16Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 19Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 21Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 22Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Revision 1.0
Page 19 of 78
nRF24L01+ Product Specification
5.5
Crystal specifications
Table 11. Crystal specifications
The crystal oscillator startup time is proportional to the crystal equivalent inductance. The trend in crystal
design is to reduce the physical outline. An effect of a small outline is an increase in equivalent serial
inductance Ls, which gives a longer startup time. The maximum crystal oscillator startup time, Tpd2stby =
1.5 ms, is set using a crystal with equivalent serial inductance of maximum 30mH.
An application specific worst case startup time can be calculated as :
Tpd2stby= Ls/30mH *1.5ms if Ls exceeds 30mH.
Note: In some crystal datasheets Ls is called L1 or Lm and Cs is called C1 or Cm.
Figure 3. Equivalent crystal components
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
Fxo
Crystal Frequency
16
MHz
ΔF
Tolerance
a b
a. Frequency accuracy including; tolerance at 25
ºC, temperature drift, aging and crystal loading.
b. Frequency regulations in certain regions set tighter requirements for frequency tolerance (For
example, Japan and South Korea specify max. +/- 50ppm).
±60
ppm
C0
Equivalent parallel capacitance
1.5
7.0
pF
Ls
Equivalent serial inductance
c
c. Startup time from power down to standby mode is dependant on the Ls parameter. See Table 16. on
page 24 for details.
30
mH
CL
Load capacitance
8
12
16
pF
ESR
Equivalent Series Resistance
100
Ω
Co
Cs
Ls
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com