Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 28 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 28 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 24Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 25Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 26Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 27Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 28Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 29Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 30Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 31Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 32Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
Revision 1.0
Page 28 of 78
nRF24L01+ Product Specification
7.3
Enhanced Shockburst™ packet format
The format of the Enhanced ShockBurst™ packet is described in this section. The Enhanced Shock-
Burst™ packet contains a preamble, address, packet control, payload and CRC field. Figure 5. shows the
packet format with MSB to the left.
Figure 5. An Enhanced ShockBurst™ packet with payload (0-32 bytes)
7.3.1
Preamble
The preamble is a bit sequence used to synchronize the receivers demodulator to the incoming bit stream.
The preamble is one byte long and is either 01010101 or 10101010. If the first bit in the address is 1 the
preamble is automatically set to 10101010 and if the first bit is 0 the preamble is automatically set to
01010101. This is done to ensure there are enough transitions in the preamble to stabilize the receiver.
7.3.2
Address
This is the address for the receiver. An address ensures that the packet is detected and received by the
correct receiver, preventing accidental cross talk between multiple nRF24L01+ systems. You can configure
the address field width in the AW register to be 3, 4 or 5 bytes, see Table 28. on page 63.
Note: Addresses where the level shifts only one time (that is, 000FFFFFFF) can often be detected in
noise and can give a false detection, which may give a raised Packet Error Rate. Addresses
as a continuation of the preamble (hi-low toggling) also raises the Packet Error Rate.
7.3.3
Packet control field
Figure 6. shows the format of the 9 bit packet control field, MSB to the left.
Figure 6. Packet control field
The packet control field contains a 6 bit payload length field, a 2 bit PID (Packet Identity) field and a 1 bit
NO_ACK
flag.
P ream ble 1 by te
A ddre s s 3-5 byte
9 bit
P a yload 0 - 32 by te
CR C 1 -2
byte
P a c k et C ontro l F ield
NO_ACK 1bit
PID 2bit
Payload length 6bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com