Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 24 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 24 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 21Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 22Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 23Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 24Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 25Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 26Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 27Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 28Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
Revision 1.0
Page 24 of 78
nRF24L01+ Product Specification
6.1.6
Operational modes configuration
The following table (Table 15.) describes how to configure the operational modes.
Table 15. nRF24L01+ main modes
6.1.7
Timing Information
The timing information in this section relates to the transitions between modes and the timing for the CE
pin. The transition from TX mode to RX mode or vice versa is the same as the transition from the standby
modes to TX mode or RX mode (max. 130µs), as described in Table 16.
Table 16. Operational timing of nRF24L01+
For nRF24L01+ to go from power down mode to TX or RX mode it must first pass through stand-by mode.
There must be a delay of Tpd2stby (see Table 16.) after the nRF24L01+ leaves power down mode before
the CE is set high.
Note: If VDD is turned off the register value is lost and you must configure nRF24L01+ before enter-
ing the TX or RX modes.
Mode
PWR_UP
register
PRIM_RX
register
CE
input pin
FIFO state
RX mode
111
-
TX mode
1
0
1
Data in TX FIFOs. Will empty all
levels in TX FIFOsa.
a. If CE is held high all TX FIFOs are emptied and all necessary ACK and possible retransmits are car-
ried out. The transmission continues as long as the TX FIFO is refilled. If the TX FIFO is empty when
the CE is still high, nRF24L01+ enters standby-II mode. In this mode the transmission of a packet is
started as soon as the CSN is set high after an upload (UL) of a packet to TX FIFO.
TX mode
1
0
Minimum 10µs
high pulse
Data in TX FIFOs.Will empty one
level in TX FIFOsb.
b. This operating mode pulses the CE high for at least 10µs. This allows one packet to be transmitted.
This is the normal operating mode. After the packet is transmitted, the nRF24L01+ enters standby-I
mode.
Standby-II
1
0
1
TX FIFO empty.
Standby-I
1
-
0
No ongoing packet transmission.
Power Down
0
-
-
-
Name
nRF24L01+
Notes
Max.
Min.
Comments
Tpd2stby Power Down
Standby mode
150µs
With external clock
a
a. See Table 11. on page 19 for crystal specifications.
1.5ms
External crystal, Ls < 30mH
3ms
External crystal, Ls = 60mH
4.5ms
External crystal, Ls = 90mH
Tstby2a
Standby modes
TX/RX mode
130µs
Thce
Minimum CE high
10µs
Tpece2csn Delay from CE positive edge to CSN
low
4µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com