Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 76 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 76 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 70Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 71Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 72Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 73Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 74Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 75Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 76Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 77Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 78Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
Revision 1.0
Page 76 of 78
nRF24L01+ Product Specification
Enhanced ShockBurst™ receive payload
1.
Select RX by setting the PRIM_RX bit in the CONFIG register to high. All data pipes that receive
data must be enabled (EN_RXADDR register), enable auto acknowledgement for all pipes running
Enhanced ShockBurst™ (EN_AA register), and set the correct payload widths (RX_PW_Px regis-
ters). Set up addresses as described in item 2 in the Enhanced ShockBurst™ transmitting pay-
load example above.
2.
Start Active RX mode by setting CE high.
3.
After 130µs nRF24L01+ monitors the air for incoming communication.
4.
When a valid packet is received (matching address and correct CRC), the payload is stored in the
RX-FIFO, and the RX_DR bit in STATUS register is set high. The IRQ pin is active when RX_DR is
high. RX_P_NO in STATUS register indicates what data pipe the payload has been received in.
5.
If auto acknowledgement is enabled, an ACK packet is transmitted back, unless the NO_ACK bit
is set in the received packet. If there is a payload in the TX_PLD FIFO, this payload is added to
the ACK packet.
6.
MCU sets the CE pin low to enter standby-I mode (low current mode).
7.
MCU can clock out the payload data at a suitable rate through the SPI.
8.
nRF24L01+ is now ready for entering TX or RX mode or power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com