Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 47 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 47 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 48Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 49Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 50Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 51Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
Revision 1.0
Page 47 of 78
nRF24L01+ Product Specification
7.8.4
Single transaction with ACK payload packet
Figure 21. is a scenario of the basic auto acknowledgement with payload. After the packet is transmitted by
the PTX and received by the PRX the ACK packet with payload is transmitted from the PRX to the PTX.
The RX_DR IRQ is asserted after the packet is received by the PRX, whereas on the PTX side the TX_DS
IRQ is asserted when the ACK packet is received by the PTX. On the PRX side, the TX_DS IRQ for the
ACK packet payload is asserted after a new packet from PTX is received. The position of the IRQ in Figure
21. shows where the MCU can respond to the interrupt.
Figure 21. TX/RX cycles with ACK Payload and the according interrupts
7.8.5
Single transaction with ACK payload packet and lost packet
Figure 22. is a scenario where the first packet is lost and a retransmission is needed before the RX_DR IRQ
on the PRX side is asserted. For the PTX both the TX_DS and RX_DR IRQ are asserted after the ACK
packet is received. After the second packet (PID=2) is received on the PRX side both the RX_DR (PID=2)
and TX_DS (ACK packet payload) IRQ are asserted.
Figure 22. TX/RX cycles and the according interrupts when the packet transmission fails
1 Radio Turn Around Delay
2 Uploading Payload for Ack Packet
3 Delay defined by MCU on PTX side,
≥ 130us
TX:PID=1
RX
PTX
PRX
RX
MCU PRX
UL1
MCU PTX
TX:PID=2
DL
IRQ
ACK received
IRQ: TX DS (PID=1)
RX DR (ACK1PAY)
Transmit of packet
PID=2
Packet received.
IRQ: RX DR (PID=1)
RX
Packet received.
IRQ: RX DR (PID=2)
TX DS (ACK1PAY)
DL
DL
IRQ
UL2
UL2
130us1
≥130us3
ACK1 PAY
TX:PID=1
RX
PTX
PRX
RX
DL
MCU PRX
UL1
MCU PTX
130us1
TX:PID=1
RX
ARD
No address detected.
RX off to save current
Retransmit of packet
PID=1
ACK received
IRQ: TX DS (PID=1)
RX DR (ACK1PAY)
TX:PID=2
RX
ACK1 PAY
Packet received.
IRQ: RX DR (PID=2)
TX DS (ACK1PAY)
Auto retransmit delay
elapsed
130us1
130us1
Packet PID=1 lost
during transmission
Packet received.
IRQ: RX DR (PID=1)
DL
UL2
UL2
DL
IRQ
≥130us3
1 Radio Turn Around Delay
2 Uploading Paylod for Ack Packet
3 Delay defined by MCU on PTX side,
≥ 130us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com