Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 29 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 29 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 25Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 26Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 27Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 28Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 29Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 30Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 31Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 32Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 33Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Revision 1.0
Page 29 of 78
nRF24L01+ Product Specification
7.3.3.1
Payload length
This 6 bit field specifies the length of the payload in bytes. The length of the payload can be from 0 to 32
bytes.
Coding: 000000 = 0 byte (only used in empty ACK packets.) 100000 = 32 byte, 100001 = Don’t care.
This field is only used if the Dynamic Payload Length function is enabled.
7.3.3.2
PID (Packet identification)
The 2 bit PID field is used to detect if the received packet is new or retransmitted. PID prevents the PRX
device from presenting the same payload more than once to the receiving host MCU. The PID field is
incremented at the TX side for each new packet received through the SPI. The PID and CRC fields (see
section 7.3.5 on page 30) are used by the PRX device to determine if a packet is retransmitted or new.
When several data packets are lost on the link, the PID fields may become equal to the last received PID.
If a packet has the same PID as the previous packet, nRF24L01+ compares the CRC sums from both
packets. If the CRC sums are also equal, the last received packet is considered a copy of the previously
received packet and discarded.
7.3.3.3
No Acknowledgment flag (NO_ACK)
The Selective Auto Acknowledgement feature controls the NO_ACK flag.
This flag is only used when the auto acknowledgement feature is used. Setting the flag high tells the
receiver that the packet is not to be auto acknowledged.
On the PTX you can set the NO_ACK flag bit in the Packet Control Field with this command:
W_TX_PAYLOAD_NOACK
However, the function must first be enabled in the FEATURE register by setting the EN_DYN_ACK bit.
When you use this option the PTX goes directly to standby-I mode after transmitting the packet. The PRX
does not transmit an ACK packet when it receives the packet.
7.3.4
Payload
The payload is the user defined content of the packet. It can be 0 to 32 bytes wide and is transmitted on-air
when it is uploaded to nRF24L01+.
Enhanced ShockBurst™ provides two alternatives for handling payload lengths; static and dynamic.
The default is static payload length. With static payload length all packets between a transmitter and a
receiver have the same length. Static payload length is set by the RX_PW_Px registers on the receiver side.
The payload length on the transmitter side is set by the number of bytes clocked into the TX_FIFO and
must equal the value in the RX_PW_Px register on the receiver side.
Dynamic Payload Length (DPL) is an alternative to static payload length. DPL enables the transmitter to
send packets with variable payload length to the receiver. This means that for a system with different pay-
load lengths it is not necessary to scale the packet length to the longest payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com