Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 15 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 15 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 11Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 12Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 13Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 14Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 15Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 16Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 19Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
Revision 1.0
Page 15 of 78
nRF24L01+ Product Specification
5.2
General RF conditions
Table 5. General RF conditions
5.3
Transmitter operation
Table 6. Transmitter operation
Symbol
Parameter (condition)
Notes
Min.
Typ. Max.
Units
fOP
Operating frequency
a
a. Regulatory standards determine the band range you can use.
2400
2525
MHz
PLLres
PLL Programming resolution
1
MHz
fXTAL
Crystal frequency
16
MHz
Δf250
Frequency deviation @ 250kbps
±160
kHz
Δf1M
Frequency deviation @ 1Mbps
±160
kHz
Δf2M
Frequency deviation @ 2Mbps
±320
kHz
RGFSK
Air Data rate
b
b. Data rate in each burst on-air
250
2000
kbps
FCHANNEL 1M Non-overlapping channel spacing @ 250kbps/
1Mbps
c
c. The minimum channel spacing is 1MHz
1MHz
FCHANNEL 2M Non-overlapping channel spacing @ 2Mbps
c
2MHz
Symbol
Parameter (condition)
Notes Min.
Typ.
Max.
Units
PRF
Maximum Output Power
a
a. Antenna load impedance = 15
Ω+j88Ω
0+4
dBm
PRFC
RF Power Control Range
16
18
20
dB
PRFCR
RF Power Accuracy
±4
dB
PBW2
20dB Bandwidth for Modulated Carrier (2Mbps)
1800
2000
kHz
PBW1
20dB Bandwidth for Modulated Carrier (1Mbps)
900
1000
kHz
PBW250 20dB Bandwidth for Modulated Carrier (250kbps)
700
800
kHz
PRF1.2
1st Adjacent Channel Transmit Power 2MHz
(2Mbps)
-20
dBc
PRF2.2
2nd Adjacent Channel Transmit Power 4MHz
(2Mbps)
-50
dBc
PRF1.1
1st Adjacent Channel Transmit Power 1MHz
(1Mbps)
-20
dBc
PRF2.1
2nd Adjacent Channel Transmit Power 2MHz
(1Mbps)
-45
dBc
PRF1.250 1st Adjacent Channel Transmit Power 1MHz
(250kbps)
-30
dBc
PRF2.250 2nd Adjacent Channel Transmit Power 2MHz
(250kbps)
-45
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com