Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 19Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 21Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 22Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 23Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 24Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 25Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
Revision 1.0
Page 22 of 78
nRF24L01+ Product Specification
.
Figure 4. Radio control state diagram
6.1.2
Power Down Mode
In power down mode nRF24L01+ is disabled using minimal current consumption. All register values avail-
able are maintained and the SPI is kept active, enabling change of configuration and the uploading/down-
loading of data registers. For start up times see Table 16. on page 24. Power down mode is entered by
setting the PWR_UP bit in the CONFIG register low.
6.1.3
Standby Modes
6.1.3.1
Standby-I mode
By setting the PWR_UP bit in the CONFIG register to 1, the device enters standby-I mode. Standby-I mode is
used to minimize average current consumption while maintaining short start up times. In this mode only
part of the crystal oscillator is active. Change to active modes only happens if CE is set high and when CE
is set low, the nRF24L01 returns to standby-I mode from both the TX and RX modes.
VDD >= 1.9V
Undefined
Power on
reset
100ms
Power Down
Standby-I
RX Mode
TX Mode
Standby-II
RX Settling
130 µs
Crystal
oscillator
start up
Tpd2stby
PWR_UP = 1
PWR_UP = 0
TX Settling
130 µs
TX FIFO not empty
PRIM_RX = 0
CE = 1 for more than 10µs
PRIM_RX = 1
CE = 1
CE = 0
TX FIFO empty
CE = 1
TX FIFO not empty
CE = 1
PRIM_RX = 0
TX FIFO empty
CE = 1
PWR_UP = 0
PWR_UP = 0
PWR_UP=0
CE = 0
PWR_UP=0
PWR_UP=0
TX finished with one packet
CE = 0
CE = 1
TX FIFO not empty
Possible operating mode
Recommended path between operating modes
Possible path between operating modes
Recommended operating mode
Transition state
CE = 1
Pin signal condition
PWR_DN = 1
Bit state condition
Undefined
TX FIFO empty
System information
Undefined
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com