Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 8 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 8 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 4Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 5Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 6Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 7Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 8Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 9Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 10Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 11Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 12Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
Revision 1.0
Page 8 of 78
nRF24L01+ Product Specification
1.1
Features
Features of the nRF24L01+ include:
•Radio
Worldwide 2.4GHz ISM band operation
126 RF channels
Common RX and TX interface
GFSK modulation
250kbps, 1 and 2Mbps air data rate
1MHz non-overlapping channel spacing at 1Mbps
2MHz non-overlapping channel spacing at 2Mbps
•
Transmitter
Programmable output power: 0, -6, -12 or -18dBm
11.3mA at 0dBm output power
•
Receiver
Fast AGC for improved dynamic range
Integrated channel filters
13.5mA at 2Mbps
-82dBm sensitivity at 2Mbps
-85dBm sensitivity at 1Mbps
-94dBm sensitivity at 250kbps
•
RF Synthesizer
Fully integrated synthesizer
No external loop filer, VCO varactor diode or resonator
Accepts low cost ±60ppm 16MHz crystal
•
Enhanced ShockBurst™
1 to 32 bytes dynamic payload length
Automatic packet handling
Auto packet transaction handling
6 data pipe MultiCeiver™ for 1:6 star networks
•
Power Management
Integrated voltage regulator
1.9 to 3.6V supply range
Idle modes with fast start-up times for advanced power management
26µA Standby-I mode, 900nA power down mode
Max 1.5ms start-up from power down mode
Max 130us start-up from standby-I mode
•
Host Interface
4-pin hardware SPI
Max 10Mbps
3 separate 32 bytes TX and RX FIFOs
5V tolerant inputs
•
Compact 20-pin 4x4mm QFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com