Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 36 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 36 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 32Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 33Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 34Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 35Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 40Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
Revision 1.0
Page 36 of 78
nRF24L01+ Product Specification
Activate PTX mode by setting the CE pin high. If there is a packet present in the TX FIFO the nRF24L01+
enters TX mode and transmits the packet. If Auto Retransmit is enabled, the state machine checks if the
NO_ACK
flag is set. If it is not set, the nRF24L01+ enters RX mode to receive an ACK packet. If the
received ACK packet is empty, only the TX_DS IRQ is asserted. If the ACK packet contains a payload,
both TX_DS IRQ and RX_DR IRQ are asserted simultaneously before nRF24L01+ returns to standby-I
mode.
If the ACK packet is not received before timeout occurs, the nRF24L01+ returns to standby-II mode. It
stays in standby-II mode until the ARD has elapsed. If the number of retransmits has not reached the ARC,
the nRF24L01+ enters TX mode and transmits the last packet once more.
While executing the Auto Retransmit feature, the number of retransmits can reach the maximum number
defined in ARC. If this happens, the nRF24L01+ asserts the MAX_RT IRQ and returns to standby-I mode.
If the CE is high and the TX FIFO is empty, the nRF24L01+ enters Standby-II mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com