Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 111 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 111 Page - Analog Devices

Back Button ADE75 Datasheet HTML 107Page - Analog Devices ADE75 Datasheet HTML 108Page - Analog Devices ADE75 Datasheet HTML 109Page - Analog Devices ADE75 Datasheet HTML 110Page - Analog Devices ADE75 Datasheet HTML 111Page - Analog Devices ADE75 Datasheet HTML 112Page - Analog Devices ADE75 Datasheet HTML 113Page - Analog Devices ADE75 Datasheet HTML 114Page - Analog Devices ADE75 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 111 of 148
2
These bits are not used to control Timer/Counters 0 and 1, but are used instead to control and monitor the external INT0 and INT1 interrupt pins.
Table 99. Timer/Counter 2 Control SFR (T2CON, 0xC8)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7
0xCF
TF2
0
Timer 2 Overflow Flag.
Set by hardware on a Timer 2 overflow. TF2 cannot be set when either RCLK = 1 or TCLK = 1.
Cleared by user software.
6
0xCE
EXF2
0
Timer 2 External Flag.
Set by hardware when either a capture or reload is caused by a negative transition on T2EX
and EXEN2 = 1.
Cleared by user software.
5
0xCD
RCLK
0
Receive Clock Enable Bit.
Set by the user to enable the serial port to use Timer 2 overflow pulses for its receive clock in
serial port Modes 1 and 3.
Cleared by the user to enable Timer 1 overflow to be used for the receive clock.
4
0xCC
TCLK
0
Transmit Clock Enable Bit.
Set by the user to enable the serial port to use Timer 2 overflow pulses for its transmit clock in
serial port Modes 1 and 3.
Cleared by the user to enable Timer 1 overflow to be used for the transmit clock.
3
0xCB
EXEN2
0
Timer 2 External Enable Flag.
Set by the user to enable a capture or reload to occur as a result of a negative transition on
T2EX if Timer 2 is not being used to clock the serial port.
Cleared by the user for Timer 2 to ignore events at T2EX.
2
0xCA
TR2
0
Timer 2 Start/Stop Control Bit.
Set by the user to start Timer 2.
Cleared by the user to stop Timer 2.
1
0xC9
CNT2
0
Timer 2 Timer or Counter Function Select Bit.
Set by the user to select the counter function (input from external T2 pin).
Cleared by the user to select the timer function (input from on-chip core clock).
0
0xC8
CAP2
0
Timer 2 Capture/Reload Select Bit.
Set by the user to enable captures on negative transitions at T2EX if EXEN2 = 1.
Cleared by the user to enable autoreloads with Timer 2 overflows or negative transitions at
T2EX when EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this bit is ignored and the timer is
forced to autoreload on Timer 2 overflow.
Table 100. Timer 0 High byte SFR (TH0, 0x8C)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
TH0
0
Timer 0 Data high byte
Table 101. Timer 0 Low byte SFR (TL0, 0x8A)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
TL0
0
Timer 0 Data high byte
Table 102. Timer 1 High byte SFR (TH1, 0x8D)
Bit Location
Bit Mnemonic
Default
Value
Description
7-0
TH1
0
Timer 1 Data high byte
Table 103. Timer 1 Low byte SFR (TL1, 0x8B)
Bit Location
Bit Mnemonic
Default
Value
Description
7-0
TL1
0
Timer 1 Data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com