Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 115 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 115 Page - Analog Devices

Back Button ADE75 Datasheet HTML 111Page - Analog Devices ADE75 Datasheet HTML 112Page - Analog Devices ADE75 Datasheet HTML 113Page - Analog Devices ADE75 Datasheet HTML 114Page - Analog Devices ADE75 Datasheet HTML 115Page - Analog Devices ADE75 Datasheet HTML 116Page - Analog Devices ADE75 Datasheet HTML 117Page - Analog Devices ADE75 Datasheet HTML 118Page - Analog Devices ADE75 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 115 of 148
PLL
The ADE75xx/ADE71xx is intended for use with a 32.768 kHz watch crystal. A PLL locks onto a multiple of this frequency to provide a
stable 4.096 MHz clock for the system. The core can operate at this frequency or at binary submultiples of it to allow power saving when
maximum core performance is not required. The default core clock is the PLL clock divided by 4 or 1.024 MHz. The ADE energy
measurement clock is derived from the PLL clock and is maintained at 4.096/5 MHz, 819.2 kHz across all CD settings. The PLL is
controlled by the CD[2:0] bits in the Power Control SFR (POWCON, 0xC5). To protect erroneous changes to the Power Control SFR
(POWCON, 0xC5), a key is required to modify the register. First the Key SFR (KYREG, 0xC1) is written with the key, 0xA7, and then a
new value is written to the Power Control SFR (POWCON, 0xC5).
If the PLL loses lock, the MCU is reset and the PLLFAULT bit is set in the Peripheral Configuration SFR (PERIPH, 0xF4). Set the
PLLACK bit in the Start ADC Measurement SFR (ADCGO, 0xD8) to acknowledge the PLL fault, clearing the PLL_FLT flag.
PLL SFR REGISTER LIST
Power Control SFR (POWCON, 0xC5)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RESERVED
X
Reserved
6
METER_OFF
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if
metering functions are not needed in PSM0
5
RESERVED
0
Reserved
4
COREOFF
0
Set this bit to shut down the core if in the PSM1 operating mode.
3
RESERVED
Reserved
Controls the core clock frequency, Fcore. Fcore=4.096MHz/2CD
CD[2:0]
Fcore (MHz)
0
0
0
4.096
0
0
1
2.048
0
1
0
1.024
0
1
1
0.512
1
0
0
0.256
1
0
1
0.128
1
1
0
0.064
2-0
CD[2:0]
010
1
1
1
0.032
Table 109.Key SFR (KYREG, 0xC1)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
KYREG
0
Write 0xA7 to the KYREG SFR before writing the POWCON SFR, to unlock it
Write 0xEA to the KYREG SFR before writing to the HTHSEC, SEC, MIN, or
HOUR timekeeping register to unlock it.
Peripheral Configuration SFR (PERIPH, 0xF4)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RXFLAG
0
If set, indicates that a RX Edge event triggered wakeup from PSM2
Indicates the power supply that is connected internally to VSW.
0 VSW=VBAT
6
VSWSOURCE
1
1 VSW=VDD
5
VDD_OK
0
If set, indicates that VDD power supply is ok for operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com