Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 116 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 116 Page - Analog Devices

Back Button ADE75 Datasheet HTML 112Page - Analog Devices ADE75 Datasheet HTML 113Page - Analog Devices ADE75 Datasheet HTML 114Page - Analog Devices ADE75 Datasheet HTML 115Page - Analog Devices ADE75 Datasheet HTML 116Page - Analog Devices ADE75 Datasheet HTML 117Page - Analog Devices ADE75 Datasheet HTML 118Page - Analog Devices ADE75 Datasheet HTML 119Page - Analog Devices ADE75 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 116 of 148
4
PLL_FLT
0
If set, indicates that PLL is not locked
3
RESERVED
2
EXTREFEN
0
Set this bit if an external reference is connected to the REFIN pin.
Controls the function of the P1.0/RX pin.
RXPROG [1:0]
Function
0
0
GPIO
0
1
RX with wakeup disabled
1-0
RXPROG[1:0]
00
1
1
RX with wakeup enabled
Start ADC Measurement SFR (ADCGO, 0xD8)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7
0xDF
PLL_FTL_ACK
0
Set this bit to clear the PLL fault bit, PLL_FLT in the PERIPH register. A PLL
fault is generated if a reset was caused because the PLL lost lock.
6-3
0xDE –
0xDB
Reserved
0
Reserved
2
0xDA
VDCIN_ADC_GO
0
Set this bit to initiate an external voltage measurement. This bit will be
cleared when the measurement request is received by the ADC.
1
0xD9
TEMP_ADC_GO
0
Set this bit to initiate a temperature measurement. This bit will be cleared
when the measurement request is received by the ADC.
0
0xD8
BATT_ADC_GO
0
Set this bit to initiate a battery measurement. This bit will be cleared when
the measurement request is received by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com