Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 118 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADE75 Datasheet HTML 114Page - Analog Devices ADE75 Datasheet HTML 115Page - Analog Devices ADE75 Datasheet HTML 116Page - Analog Devices ADE75 Datasheet HTML 117Page - Analog Devices ADE75 Datasheet HTML 118Page - Analog Devices ADE75 Datasheet HTML 119Page - Analog Devices ADE75 Datasheet HTML 120Page - Analog Devices ADE75 Datasheet HTML 121Page - Analog Devices ADE75 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 118 of 148
TEMPCAL
0xF7
No
RTC temperature compensation
INTPR
0xFF
No
RTC Calibration output options
KYREG
0xC1
No
Key Register
Table 110. RTC Configuration SFR (TIMECON, 0xA1)
Bit
Location
Bit
Mnemonic
Default
Value
Description
Midnight Flag
7
MIDNIGHT
0
This bit is set when the RTC rolls over to 00:00:00:00. It can be cleared by
the user to indicate that the midnight event has been serviced. In twenty-
four hour mode, the midnight flag is raised once a day at midnight.
Twenty-four hour mode
0
256 Hour mode. The HOUR register will roll over from 255 to 0.
1
24 Hour mode. The HOUR register will roll over from 23 to 0.
6
TFH
0
Note: This bit is retained during a watchdog reset or an external reset. It is
reset after a power on reset (POR).
Interval Timer Timebase Selection
ITS[1:0]
Timebase
0
0
1/128 second
0
1
Second
1
0
Minute
5-4
ITS[1:0]
0
1
1
Hour
Interval Timer One-Time Alarm
0
The ALARM flag will be set after INTVAL counts and then another
interval count will start.
3
SIT
0
1
The ALARM flag will be set after one time interval.
Interval Timer Alarm Flag
2
ALARM
0
This bit is set when the configured time interval has elapsed. It can be
cleared by the user to indicate that the alarm event has been serviced.
Interval Timer Enable
0
The interval timer is disabled. The 8-bit interval timer counter is
reset.
1
ITEN
0
1
Set this bit to enable the interval timer. The RTCEN bit must also
be set to enable the interval timer.
RTC Enable. Also Temperature, Battery and Supply ADC Background
Strobe Enable
0
RTCEN
1
Note: The RTC is always enabled.
Table 111. Hundredths of a Second Counter SFR (HTHSEC, 0xA2)
Bit
Location
Bit
Mnemonic
Default
Value
Description
This counter updates every 1/128 second, referenced from the calibrated
32kHz clock. It overflows from 127 to 00, incrementing the seconds
counter, SEC.
7-0
HTHSEC
0
Note: This register is retained during a watchdog reset or an external reset.
It is reset after a power on reset (POR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com