Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 122 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 122 Page - Analog Devices

Back Button ADE75 Datasheet HTML 118Page - Analog Devices ADE75 Datasheet HTML 119Page - Analog Devices ADE75 Datasheet HTML 120Page - Analog Devices ADE75 Datasheet HTML 121Page - Analog Devices ADE75 Datasheet HTML 122Page - Analog Devices ADE75 Datasheet HTML 123Page - Analog Devices ADE75 Datasheet HTML 124Page - Analog Devices ADE75 Datasheet HTML 125Page - Analog Devices ADE75 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 122 of 148
Calibration Flow:
A RTC calibration pulse output is provided on the
P0.2/CF1/RTCCAL pin. Enable the RTC output by setting the
RTCCAL bit in the INTPR SFR.
The RTC calibration is accurate to within ±2ppm over a 30.5
second window in all operational modes: PSM0, PSM1 and
PSM2. Two output frequencies are offered for the normal RTC
mode: 1Hz with FSEL[1:0]=00 and 512Hz with FSEL[1:0]=01 in
the INTPR register.
A shorter window of 0.244 seconds is offered for fast calibration
during PSM0 or PSM1. Two output frequencies are offered for
this RTC calibration output mode: 500Hz with FSEL[1:0]=01
and 16.384kHz with FSEL[1:0]=11 in the INTPR register. Note
that for the 0.244s calibration window, the RTC is clocked 125
times faster than in the normal mode, resulting in timekeeping
registers that represent seconds/125, minutes/125 and
hours/125 instead of seconds, minutes and hours. Therefore this
mode should be used for calibration only.
Table 120: RTC calibration options
When no RTC compensation is applied, when RTCCOMP and
TEMPCAL equal to zero, the nominal compensation required
to account for the error in the external crystal can be
determined. In this case, it is not necessary to wait for an entire
calibration window to determine the error in the pulse output.
Calculating at the error in frequency between two consecutive
pulses on the P0.2/CF1/RTCCAL pin is enough.
The value to write to the RTCCOMP register is calculated from
the % error or seconds per day error on the frequency output.
Each LSB of the RTCCOMP SFR represents 2ppm of correction
where1s/day error is equal to 11.57ppm.
)
(%
5000
Error
RTCCOMP
×
=
)
/
(
57
.
11
2
1
Error
day
s
RTCCOMP
×
×
=
to determine how much compensation is required and the sum
of these two registers is limited to ±248ppm.
During calibration, user software writes the RTC with the
current time. Refer to the RTC Read and Write operations
section for more information on how to read and write the RTC
timekeeping registers.
Option
FSEL[1:0]
Calibration
Window (s)
FRTCCAL (Hz)
Normal Mode 0
00
30.5
1
Normal Mode 1
01
30.5
512
Calibration
Mode 0
10
0.244
500
Calibration
Mode 1
11
0.244
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com