Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 125 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 125 Page - Analog Devices

Back Button ADE75 Datasheet HTML 121Page - Analog Devices ADE75 Datasheet HTML 122Page - Analog Devices ADE75 Datasheet HTML 123Page - Analog Devices ADE75 Datasheet HTML 124Page - Analog Devices ADE75 Datasheet HTML 125Page - Analog Devices ADE75 Datasheet HTML 126Page - Analog Devices ADE75 Datasheet HTML 127Page - Analog Devices ADE75 Datasheet HTML 128Page - Analog Devices ADE75 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 125 of 148
1
1
1
Divide by 128. See Table 126.
Table 125. UART Timer Fractional Divider SFR (SBAUDF, 0x9D)
Bit Location
Bit Mnemonic
Default value
Description
7
UARTBAUDEN
0
UART Baud Rate Enable
Set to enable UART Timer to generate the baud rate. When set, PCON.7,
T2CON.4, and T2CON.5 are ignored. Cleared to let the baud rate be generated
as per a standard 8052.
6
----
Not Implemented. Write Don’t Care.
5
SBAUDF.5
0
UART Timer Fractional Divider Bit 5.
4
SBAUDF.4
0
UART Timer Fractional Divider Bit 4.
3
SBAUDF.3
0
UART Timer Fractional Divider Bit 3.
2
SBAUDF.2
0
UART Timer Fractional Divider Bit 2.
1
SBAUDF.1
0
UART Timer Fractional Divider Bit 1.
0
SBAUDF.0
0
UART Timer Fractional Divider Bit 0.
Table 126. Common Baud Rates Using UART Timer with a 4.096 MHz FLL Clock
Ideal Baud
CD
SBTH
DIV
SBAUDT
SBAUDF
% Error
115200
0
0
1
01H
87H
+ 0.16
115200
1
0
0
00H
87H
+ 0.16
57600
0
0
2
02H
87H
+ 0.16
57600
1
0
1
01H
87H
+ 0.16
38400
0
0
2
02H
ABH
- 0.31
38400
1
0
1
01H
ABH
- 0.31
38400
2
0
0
00H
ABH
- 0.31
19200
0
0
3
03H
ABH
- 0.31
19200
1
0
2
02H
ABH
- 0.31
19200
2
0
1
01H
ABH
- 0.31
19200
3
0
0
00H
ABH
- 0.31
9600
0
0
4
04H
ABH
- 0.31
9600
1
0
3
03H
ABH
- 0.31
9600
2
0
2
02H
ABH
- 0.31
9600
3
0
1
01H
ABH
- 0.31
9600
4
0
0
00H
ABH
- 0.31
4800
0
0
5
05H
ABH
- 0.31
4800
1
0
4
04H
ABH
- 0.31
4800
2
0
3
03H
ABH
- 0.31
4800
3
0
2
02H
ABH
- 0.31
4800
4
0
1
01H
ABH
- 0.31
4800
5
0
0
00H
ABH
- 0.31
2400
0
0
6
06H
ABH
- 0.31
2400
1
0
5
05H
ABH
- 0.31
2400
2
0
4
04H
ABH
- 0.31
2400
3
0
3
03H
ABH
- 0.31
2400
4
0
2
02H
ABH
- 0.31
2400
5
0
1
01H
ABH
- 0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com