Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 126 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 126 Page - Analog Devices

Back Button ADE75 Datasheet HTML 122Page - Analog Devices ADE75 Datasheet HTML 123Page - Analog Devices ADE75 Datasheet HTML 124Page - Analog Devices ADE75 Datasheet HTML 125Page - Analog Devices ADE75 Datasheet HTML 126Page - Analog Devices ADE75 Datasheet HTML 127Page - Analog Devices ADE75 Datasheet HTML 128Page - Analog Devices ADE75 Datasheet HTML 129Page - Analog Devices ADE75 Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 126 of 148
2400
6
0
0
00H
ABH
- 0.31
300
0
2
7
17H
ABH
- 0.31
300
1
1
7
0FH
ABH
- 0.31
300
2
0
7
07H
ABH
- 0.31
300
3
0
6
06H
ABH
- 0.31
300
4
0
5
05H
ABH
- 0.31
300
5
0
4
04H
ABH
- 0.31
300
6
0
3
03H
ABH
- 0.31
300
7
0
2
02H
ABH
- 0.31
UART OPERATION MODES
Mode 0 (Shift Register with baud rate fixed at
Fcore /12)
Mode 0 is selected when the SM0 and SM1 bits in the SCON
SFR are clear. In this shift register mode, serial data enters and
exits through RxD. TxD outputs the shift clock. The baud rate is
fixed at Fcore/12. Eight data bits are transmitted or received.
Transmission is initiated by any instruction that writes to SBUF.
The data is shifted out of the RxD line. The 8 bits are
transmitted with the least significant bit (LSB) first.
Reception is initiated when the receive enable bit (REN) is 1
and the receive interrupt bit (RI) is 0. When RI is cleared, the
data is clocked into the RxD line, and the clock pulses are
output from the TxD line as shown in Figure 76.
RxD
(DATA OUT)
TxD
(SHIFT CLOCK)
DATA BIT 0
DATA BIT 1
DATA BIT 6
DATA BIT 7
Figure 76. 8-Bit Shift Register Mode
Mode 1 (8-Bit UART, Variable Baud Rate)
Mode 1 is selected by clearing SM0 and setting SM1. Each data
byte (LSB first) is preceded by a start bit (0) and followed by a
stop bit (1). Therefore, each frame consists of 10 bits
transmitted on TxD or received on RxD.
The baud rate is set by a timer overflow rate. Timer 1 or Timer 2
can be used to generate baud rates or both timers can be used
simultaneously where one generates the transmit rate and the
other generates the receive rate. There is also a dedicated timer
for baud rate generation, UART Timer, which has a fractional
divisor to precisely generate any baud rate—see the UART
Timer Generated Baud Rates section.
Transmission is initiated by a write to SBUF. Next a stop bit (a
1) is loaded into the 9th bit position of the transmit shift
register. The data is output bit-by-bit until the stop bit appears
on TxD and the transmit interrupt flag (TI) is automatically set
as shown in Figure 77.
Figure 77. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
RxD. Assuming that a valid start bit is detected, character
reception continues. The 8 data bits are clocked into the serial
port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN=0 in the CFG
SFR), RI must be zero to receive a character. This ensures
that the data in SBUF will not be overwritten if the last
received character has not been read.
•
If frame error checking is enabled by setting SM2, the
received stop bit must be set to receive a character. This
ensures that every character received comes from a valid
frame, with both a start and a stop bit)
If any of these conditions are not met, the received frame is
irretrievably lost, and the receive interrupt flag, RI, is not set.
If the received frame has met the above criteria, the following
events occur:
•
The 8 bits in the receive shift register are latched into SBUF.
•
The 9th bit (stop bit) is clocked into RB8 in SCON.
•
The receiver interrupt flag (RI) is set.
Mode 2 (9- bit UART with baud fixed at Fcore/64
or Fcore/32)
Mode 2 is selected by setting SM0 and clearing SM1. In this
mode, the UART operates in 9-bit mode with a fixed baud rate.
The baud rate is fixed at Fcore/64 by default, although by setting
the SMOD bit in PCON, the frequency can be doubled to
Fcore/32. Eleven bits are transmitted or received: a start bit (0), 8
data bits, a programmable 9th bit, and a stop bit (1). The 9th bit
is most often used as a parity bit or as part of a multiprocessor
communication protocol, although it can be used for anything,
including a ninth data bit if required.
TxD
TI
(SCON.1)
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
SET INTERRUPT
I.E., READY FOR MORE DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com