Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 127 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 127 Page - Analog Devices

Back Button ADE75 Datasheet HTML 123Page - Analog Devices ADE75 Datasheet HTML 124Page - Analog Devices ADE75 Datasheet HTML 125Page - Analog Devices ADE75 Datasheet HTML 126Page - Analog Devices ADE75 Datasheet HTML 127Page - Analog Devices ADE75 Datasheet HTML 128Page - Analog Devices ADE75 Datasheet HTML 129Page - Analog Devices ADE75 Datasheet HTML 130Page - Analog Devices ADE75 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 127 of 148
To use the 9th data bit as part of a communication protocol for a
multiprocessor network such as RS-485, the 9th bit is set to
indicate that the frame contains the address of the device that
the master would like to communicate with. The devices on the
network are always listening for a packet with the 9th bit set and
are configured such that if the 9th bit is clear, the frame will not
be valid and a receive interrupt will not be generated. If the 9th
bit is set, all of the devices on the network will receive the
address and get a receive character interrupt. The devices will
examine the address and if it matches a device’s preprogrammed
address, the device will configure itself to listen to all incoming
frames, even those with the 9th bit clear. Since the master has
initiated communication with that device, all the following
packets with the 9th bit clear are intended specifically for the
addressed device until another packet with the 9th bit set is
received. If the address does not match, the device will continue
listening for address packets.
To transmit, the 8 data bits must be written into SBUF. The
ninth bit must be written to TB8 in SCON. When transmission
is initiated, the 8 data bits from SBUF are loaded into the
transmit shift register (LSB first). The 9th data bit, held in TB8, is
loaded into the 9th bit position of the transmit shift register.
The transmission starts at the next valid baud rate clock. The
transmit interrupt flag, TI, is set as soon as the transmission has
completed, when the stop bit appears on TxD.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN=0 in the CFG
SFR), RI must be zero to receive a character. This ensures
that the data in SBUF will not be overwritten if the last
received character has not been read.
•
If multiprocessor communication is enabled by setting
SM2, the received 9th bit must be set to receive a character.
This ensures that only frames with the 9th bit set, frames
that contain addresses, generate a receive interrupt.
If any of these conditions are not met, the received frame is
irretrievably lost, and the receive interrupt flag, RI, is not set.
Reception for Mode 2 is similar to that of Mode 1. The 8 data
bytes are input at RxD (LSB first) and loaded onto the receive
shift register. If the received frame has met the above criteria,
the following events occur:
•
The 8 bits in the receive shift register are latched into SBUF.
•
The 9th data bit is latched into RB8 in SCON.
•
The receiver interrupt flag (RI) is set.
Mode 3 (9-Bit UART with Variable Baud Rate)
Mode 3 is selected by setting both SM0 and SM1. In this mode,
the 8051 UART serial port operates in 9-bit mode with a variable
baud rate. The baud rate is set by a timer overflow rate. Timer 1
or Timer 2 can be used to generate baud rates or both timers
can be used simultaneously where one generates the transmit
rate and the other generates the receive rate. There is also a
dedicated timer for baud rate generation, UART Timer, which
has a fractional divisor to precisely generate any baud rate—see
the UART Timer Generated Baud Rates section. The operation
of the 9-bit UART is the same as for Mode 2, but the baud rate
can be varied.
In all four modes, transmission is initiated by any instruction
that uses SBUF as a destination register. Reception is initiated in
Mode 0 when RI = 0 and REN = 1. Reception is initiated in the
other modes by the incoming start bit if REN = 1.
UART BAUD RATE GENERATION
Mode 0 Baud Rate Generation
The baud rate in Mode 0 is fixed:
Mode 0 Baud Rate =
⎟
⎠
⎞
⎜
⎝
⎛
12
core
F
Mode 2 Baud Rate Generation
The baud rate in Mode 2 depends on the value of the SMOD bit
in the PCON SFR. If SMOD = 0, the baud rate is 1/32 of the
core clock. If SMOD = 1, the baud rate is 1/16 of the core clock:
Mode 2 Baud Rate =
32
2SMOD
× Fcore
Modes 1 and 3 Baud Rate Generation
The baud rates in Modes 1 and 3 are determined by the overflow
rate of the timer generating the baud rate: either Timer 1 or
Timer 2 or the dedicated baud rate generator, UART Timer,
which has an integer and fractional divisor.
Timer 1 Generated Baud Rates
When Timer 1 is used as the baud rate generator, the baud rates
in Modes 1 and 3 are determined by the Timer 1 overflow rate
and the value of SMOD as follows:
Modes 1 and 3 Baud Rate =
32
2SMOD
× Timer 1 Overflow Rate
The Timer 1 interrupt should be disabled in this application.
The timer itself can be configured for either timer or counter
operation, and in any of its three running modes. In the most
typical application, it is configured for timer operation in
autoreload mode (high nibble of TMOD = 0010 binary). In that
case, the baud rate is given by the formula
Modes 1 and 3 Baud Rate =
)
1
256
(
32
2
TH
F
core
SMOD
−
×
Timer 2 Generated Baud Rates
Baud rates can also be generated by using Timer 2. Using Timer 2
is similar to using Timer 1 in that the timer must overflow 16
times before a bit is transmitted or received. Because Timer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com