Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 124 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 124 Page - Analog Devices

Back Button ADE75 Datasheet HTML 120Page - Analog Devices ADE75 Datasheet HTML 121Page - Analog Devices ADE75 Datasheet HTML 122Page - Analog Devices ADE75 Datasheet HTML 123Page - Analog Devices ADE75 Datasheet HTML 124Page - Analog Devices ADE75 Datasheet HTML 125Page - Analog Devices ADE75 Datasheet HTML 126Page - Analog Devices ADE75 Datasheet HTML 127Page - Analog Devices ADE75 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 124 of 148
cleared, RI is set as soon as the byte of data is received.
In Modes 2 or 3, if SM2 is set, RI is not activated if the received ninth data bit in RB8 is
0. If SM2 is cleared, RI is set as soon as the byte of data is received.
4
0x9C
REN
0
Serial Port Receive Enable Bit.
Set by user software to enable serial port reception.
Cleared by user software to disable serial port reception.
3
0x9B
TB8
0
Serial Port Transmit (Bit 9).
The data loaded into TB8 is the ninth data bit transmitted in Modes 2 and 3.
2
0x9A
RB8
0
Serial Port Receiver Bit 9.
The ninth data bit received in Modes 2 and 3 is latched into RB8. For Mode 1, the stop
bit is latched into RB8.
1
0x99
TI
0
Serial Port Transmit Interrupt Flag.
Set by hardware at the end of the eighth bit in Mode 0, or at the beginning of the stop
bit in Modes 1, 2, and 3.
TI must be cleared by user software.
0
0x98
RI
0
Serial Port Receive Interrupt Flag.
Set by hardware at the end of the eighth bit in Mode 0, or halfway through the stop bit
in Modes 1, 2, and 3.
RI must be cleared by user software.
Table 123. Serial port Buffer SFR (SBUF, 0x99)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SBUF
0
Serial port data buffer
Table 124. Enhanced Serial baud rate control SFR (SBAUDT, 0x9E)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
OWE
0
Overwrite Error. This bit is set when new data is received and RI=1. It indicates that
SBUF was not read before the next character was transferred in, causing the prior
SBUF data to be lost. Write a zero to this bit to clear it..
6
FE
0
Frame Error. This bit is set when the received frame did not have a valid stop bit. This
bit is read only and updated every time a frame is received.
5
BE
0
Break Error. This bit is set whenever the receive data line (Rx) is low for longer than a
full transmission frame, the time required for a start bit, 8 data bits, a parity bit and half
a stop bit. This bit is updated every time a frame is received.
4-3
SBTH1, SBTH0
0
Extended divider ratio for baud rate setting as shown in Table 126
2, 1, 0
DIV2, DIV1,
DIV0
0
Binary Divider
DIV2
DIV1
DIV0
0
0
0
Divide by 1. See Table 126.
0
0
1
Divide by 2. See Table 126.
0
1
0
Divide by 4. See Table 126.
0
1
1
Divide by 8. See Table 126.
1
0
0
Divide by 16. See Table 126.
1
0
1
Divide by 32. See Table 126.
1
1
0
Divide by 64. See Table 126.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com