Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 114 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 114 Page - Analog Devices

Back Button ADE75 Datasheet HTML 110Page - Analog Devices ADE75 Datasheet HTML 111Page - Analog Devices ADE75 Datasheet HTML 112Page - Analog Devices ADE75 Datasheet HTML 113Page - Analog Devices ADE75 Datasheet HTML 114Page - Analog Devices ADE75 Datasheet HTML 115Page - Analog Devices ADE75 Datasheet HTML 116Page - Analog Devices ADE75 Datasheet HTML 117Page - Analog Devices ADE75 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 114 of 148
baud rate generator mode is selected by RCLK = 1 and/or
TCLK = 1.
In either case, if Timer 2 is used to generate the baud rate, the
TF2 interrupt flag does not occur. Therefore, Timer 2 interrupts
do not occur, so they do not have to be disabled. In this mode,
the EXF2 flag can, however, still cause interrupts, which can be
used as a third external interrupt. Baud rate generation is
described as part of the UART serial port operation in UART
serial interface section.
P1.4/T2
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
RELOAD
TF2
EXF2
TIMER
INTERRUPT
EXEN2
CONTROL
TRANSITION
DETECTOR
P1.3/T2EX
RCAP2L
RCAP2H
C/ T2 = 0
C/ T2 = 1
FCORE
Figure 73. Timer/Counter 2, 16-Bit Autoreload Mode
TF2
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
CAPTURE
EXF2
TIMER
INTERRUPT
EXEN2
CONTROL
TRANSITION
DETECTOR
RCAP2L
RCAP2H
C/ T2 = 0
C/ T2 = 1
FCORE
P1.4/T2
P1.3/T2EX
Figure 74. Timer/Counter 2, 16-Bit Capture Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com