Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 141 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 141 Page - Analog Devices

Back Button ADE75 Datasheet HTML 137Page - Analog Devices ADE75 Datasheet HTML 138Page - Analog Devices ADE75 Datasheet HTML 139Page - Analog Devices ADE75 Datasheet HTML 140Page - Analog Devices ADE75 Datasheet HTML 141Page - Analog Devices ADE75 Datasheet HTML 142Page - Analog Devices ADE75 Datasheet HTML 143Page - Analog Devices ADE75 Datasheet HTML 144Page - Analog Devices ADE75 Datasheet HTML 145Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 141 of 148
I/O PORTS
PARALLEL I/O
The ADE75XX/ADE71XX uses three input/output ports to
exchange data with external devices. In addition to performing
general-purpose I/O, some are capable of driving an LCD or
performing other alternate functions for the peripheral
functions available on-chip. In general, when a peripheral is
enabled, the pins associated with it cannot be used as a general-
purpose I/O. The I/O port can be configured through the SFRs
in Table 139.
Table 139. I/O port SFRs
SFR
Address
Bit
Addressable
Description
P0
0x80
Yes
Port 0 register
P1
0x90
Yes
Port 1 register
P2
0xA0
Yes
Port 2 register
EPCFG
0x9F
No
Extended Port
Configuration
PINMAP0
0xB2
No
Port 0 weak pull-up
enable
PINMAP1
0xB3
No
Port 1 weak pull-up
enable
PINMAP2
0xB4
No
Port 2 weak pull-up
enable
INTPR
0xFF
No
Interrupt pin
configuration
The three bidirectional I/O ports have internal pull-ups that can
be enabled or disabled individually for each pin. The internal
pull-ups are enabled by default. Disabling an internal pull-up
causes a pin to become open-drain. Weak internal pull-ups are
configured through PINMAPx SFRs.
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
LATCH
DVDD
Px.x
PIN
INTERNAL
PULL-UP
ALTERNATE
OUTPUT
FUNCTION
ALTERNATE
INPUT
FUNCTION
Q
Closed: PINMAPx.x=0
Open: PINMAPx.x=1
Figure 88. Port 0 Bit Latch and I/O Buffer
Figure 88 shows a typical bit latch and I/O buffer for an I/O pin.
The bit latch (one bit in the port’s SFR) is represented as a Type
D flip-flop, which clocks in a value from the internal bus in
response to a write to latch signal from the CPU. The Q output
of the flip-flop is placed on the internal bus in response to a
read latch signal from the CPU. The level of the port pin itself is
placed on the internal bus in response to a read pin signal from
the CPU. Some instructions that read a port activate the read
latch signal, and others activate the read pin signal. See the
Read-Modify-Write Instructions section for details.
Weak Internal Pullups Enabled
A pin with the weak internal pull-up enabled is used as an input
by writing a 1 is written to the pin. The pin will be pulled high
by the internal pull-ups and the pin will be read using the
circuitry shown in Figure 88. If the pin is driven low externally,
it will source current because of the internal pull-ups.
If used as an output, a pin with an internal pull-up enabled, will
be written with a 1 or a 0 to control the level of the output. If a 0
is written to the pin, it will drive a logic low output voltage (VOL)
and is capable of sinking TBD mA.
Open Drain (Weak Internal Pull-ups Disabled)
When the weak internal pull-up on a pin is disabled, the pin
becomes open drain. To use this open-drain pin as a high
impedance input, a 1 is written to the pin. The pin will be read
using the circuitry shown in Figure 88. The open drain option
is preferable for inputs because it draws less current than the
internal pull-ups were enabled.
To use an open-drain pin as a general purpose output, an
external pull-up resistor is required. Open drain outputs are
convenient for changing the voltage to a logic high. The
ADE75XX/ADE71XX is a 3.3V device so an external resistor
pulled up to 5V may ease interfacing to a 5V IC although most
5V ICs are tolerant of 3.3V inputs. Pins with 0s written to them
drive a logic low output voltage (VOL) and are capable of sinking
1.6 mA.
38 kHz Modulation
The ADE75XX/ADE71XX provides a 38 kHz modulation
signal. The 38 kHz modulation is accomplished by internally
ORing the level written to the MOD38 pin with a 38 kHz square
wave. Then when a zero is written to the MOD38 pin, it is
modulated as shown in Figure 89.
38kHz Modulation Signal
Output at MOD38 Pin
Level written to MOD38
Figure 89: 38 kHz Modulation
Uses for this 38 kHz modulation include IR modulation of a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com