Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 145 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 145 Page - Analog Devices

Back Button ADE75 Datasheet HTML 140Page - Analog Devices ADE75 Datasheet HTML 141Page - Analog Devices ADE75 Datasheet HTML 142Page - Analog Devices ADE75 Datasheet HTML 143Page - Analog Devices ADE75 Datasheet HTML 144Page - Analog Devices ADE75 Datasheet HTML 145Page - Analog Devices ADE75 Datasheet HTML 146Page - Analog Devices ADE75 Datasheet HTML 147Page - Analog Devices ADE75 Datasheet HTML 148Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 145 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 145 of 148
Table 149. Port 1 Alternate Functions
Pin
No.
Alternate Function
Alternate Function Enable
RxD Receiver Data Input for UART
Set the REN bit in the SCON SFR Bit Description SFR (SCON,
0x98).
P1.0
RX Edge wakeup from PSM2 operating mode
Set RXPROG[1:0]=11 in the Peripheral Configuration SFR
(PERIPH, 0xF4)
P1.1
TxD Transmitter Data Output for UART
P1.2
FP25 LCD Segment Pin
Set FP25EN in the LCD Segment Enable SFR (LCDSEGE, 0x97)
FP24 LCD Segment Pin
Set FP24EN in the LCD Segment Enable SFR (LCDSEGE, 0x97)
P1.3
T2EX Timer 2 control input
Set EXEN2 in the Timer/Counter 2 Control SFR (T2CON, 0xC8)
FP23 LCD Segment Pin
Set FP23EN in the LCD Segment Enable SFR (LCDSEGE, 0x97)
P1.4
T2 Timer 2 input
Set the CNT2 bit in the Timer/Counter 2 Control SFR (T2CON,
0xC8) to enable T2 as an external event counter
P1.5
FP22 LCD Segment Pin
Set FP22EN in the LCD Segment Enable SFR (LCDSEGE, 0x97)
P1.6
FP21 LCD Segment Pin
Set FP21EN in the LCD Segment Enable SFR (LCDSEGE, 0x97)
P1.7
FP20 LCD Segment Pin
Set FP20EN in the LCD Segment Enable SFR (LCDSEGE, 0x97)
Table 150. Port 2 Alternate Functions
Pin
No.
Alternate Function
Alternate Function Enable
P2.0
FP18 LCD Segment Pin
Set FP18EN in the LCD Segment Enable 2 SFR (LCDSEGE2,
0xED)
P2.1
FP17 LCD Segment Pin
Set FP17EN in the LCD Segment Enable 2 SFR (LCDSEGE2,
0xED)
P2.2
FP16 LCD Segment Pin
Set FP16EN in the LCD Segment Enable 2 SFR (LCDSEGE2,
0xED)
P2.3
SDEN Serial Download pin sampled on reset.
P2.3 is an output only.
Enabled by default.
PORT 0
Port 0 is controlled directly through the bit-addressable Port 0 SFR (80H). The weak internal pull-ups for Port 0 are configured through
the Port 0 Weak pull-up enable SFR (PINMAP0, 0xB2); they are enabled by default. Disable the weak internal pull-up by writing a one to
P0CFG..x.
Port 0 pins also have various secondary functions as described in Interrupt pins configuration SFR (INTPR, 0xFF)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RTCCAL
0
Control RTC calibration output
When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
Sets RTC calibration output frequency and calibration window
FSEL[1:0]
Calibration window, frequency
0
0
30.5 seconds, 1Hz
0
1
30.5 seconds, 512 Hz
1
0
0.244 seconds, 500Hz
6-5
FSEL[1:0]
1
1
0.244 seconds, 16.384 kHz
4
Reserved
Controls the function of T
INT1PRG[2:0]
Function
3-1
INT1PRG[2:0]
000
x
0
0
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com