Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 148 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 148 Page - Analog Devices

Back Button ADE75 Datasheet HTML 140Page - Analog Devices ADE75 Datasheet HTML 141Page - Analog Devices ADE75 Datasheet HTML 142Page - Analog Devices ADE75 Datasheet HTML 143Page - Analog Devices ADE75 Datasheet HTML 144Page - Analog Devices ADE75 Datasheet HTML 145Page - Analog Devices ADE75 Datasheet HTML 146Page - Analog Devices ADE75 Datasheet HTML 147Page - Analog Devices ADE75 Datasheet HTML 148Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 148 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 148 of 148
SELECTION GUIDE
Table 151. Selection Guide
Part Number
Antitamper
W + VA + rms
VAR
5V LCD
RTC
Flash (kB)
Package
ADE7166
Yes
Yes
No
Yes
Yes
8/16
64-LQFP or LFCSP
ADE7169
Yes
Yes
Yes
Yes
Yes
16
64-LQFP or LFCSP
ADE7566
No
Yes
No
Yes
Yes
8/16
64-LQFP or LFCSP
ADE7569
No
Yes
Yes
Yes
Yes
16
64-LQFP or LFCSP
ORDERING GUIDE
Table 152. Ordering Guide
Model
Package Description
Package Option*
Temperature Range
ADE7169ASTZF16
64-Lead Lead Free LQFP
LQFP-64
−40°C to +85°C
ADE7169ASTZF16-RL
64-Lead Lead Free LQFP in Reel
LQFP-64
−40°C to +85°C
ADE7169ACPZF161
64-Lead Lead Free CSP
LFCSP-641
−40°C to +85°C
ADE7169ACPZF16-RL1
64-Lead Lead Free CSP in Reel
LFCSP-641
−40°C to +85°C
ADE7166ASTZF16
64-Lead Lead Free LQFP
LQFP-64
−40°C to +85°C
ADE7166ASTZF16-RL
64-Lead Lead Free LQFP in Reel
LQFP-64
−40°C to +85°C
ADE7166ACPZF161
64-Lead Lead Free CSP
LFCSP-641
−40°C to +85°C
ADE7166ACPZF16-RL1
64-Lead Lead Free CSP in Reel
LFCSP-641
−40°C to +85°C
ADE7166ASTZF8
64-Lead Lead Free LQFP
LQFP-64
−40°C to +85°C
ADE7166ASTZF8-RL
64-Lead Lead Free LQFP in Reel
LQFP-64
−40°C to +85°C
ADE7166ACPZF81
64-Lead Lead Free CSP
LFCSP-641
−40°C to +85°C
ADE7166ACPZF8-RL1
64-Lead Lead Free CSP in Reel
LFCSP-641
−40°C to +85°C
ADE7569ASTZF16
64-Lead Lead Free LQFP
LQFP-64
−40°C to +85°C
ADE7569ASTZF16-RL
64-Lead Lead Free LQFP in Reel
LQFP-64
−40°C to +85°C
ADE7569ACPZF161
64-Lead Lead Free CSP
LFCSP-641
−40°C to +85°C
ADE7569ACPZF16-RL1
64-Lead Lead Free CSP in Reel
LFCSP-641
−40°C to +85°C
ADE7566ASTZF16
64-Lead Lead Free LQFP
LQFP-64
−40°C to +85°C
ADE7566ASTZF16-RL
64-Lead Lead Free LQFP in Reel
LQFP-64
−40°C to +85°C
ADE7566ACPZF161
64-Lead Lead Free CSP
LFCSP-641
−40°C to +85°C
ADE7566ACPZF16-RL1
64-Lead Lead Free CSP in Reel
LFCSP-641
−40°C to +85°C
ADE7566ASTZF8
64-Lead Lead Free LQFP
LQFP-64
−40°C to +85°C
ADE7566ASTZF8-RL
64-Lead Lead Free LQFP in Reel
LQFP-64
−40°C to +85°C
ADE7566ACPZF81
64-Lead Lead Free CSP
LFCSP-641
−40°C to +85°C
ADE7566ACPZF8-RL1
64-Lead Lead Free CSP in Reel
LFCSP-641
−40°C to +85°C
EVAL-ADE7169F16EB
ADE7169 Evaluation Board
−40°C to +85°C
1 Please contact your Analog Devices representative to check availability of this package
© 200
7 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06
717-0-1/07(PrE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com