Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 61Page - STMicroelectronics STLC1502 Datasheet HTML 62Page - STMicroelectronics STLC1502 Datasheet HTML 63Page - STMicroelectronics STLC1502 Datasheet HTML 64Page - STMicroelectronics STLC1502 Datasheet HTML 65Page - STMicroelectronics STLC1502 Datasheet HTML 66Page - STMicroelectronics STLC1502 Datasheet HTML 67Page - STMicroelectronics STLC1502 Datasheet HTML 68Page - STMicroelectronics STLC1502 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
65/81
STLC1502
Mapping of D950 X memory space (1 Word = 16 bit)
Mapping of D950 I memory space (1 Word = 16 bit)
9.1 DPRAM memory map [0x8000]
The base address of the DPRAM is 0x8000 in the X memory space.
Address
Area name
Area size
0x0000
---------
0x7FFF
RAM X
32 KWords
0x8000
-------
0xBFFF
DPCOM
16 KWords
0xC000
-------
0xFFFF
PCMIF
16 KWords
Address
Area name
Area size
0x0000
---------
0x3FFF
ROM I
(first bank)
16 KWords
0x4000
-------
0x7FFF
ROM I
(Second bank)
16 KWords
0x8000
-------
0xBFFF
ROM I
(Third bank)
16 KWords
0xC000
-------
0xFFFF
RAM I
16 KWords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com