Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 28Page - STMicroelectronics STLC1502 Datasheet HTML 29Page - STMicroelectronics STLC1502 Datasheet HTML 30Page - STMicroelectronics STLC1502 Datasheet HTML 31Page - STMicroelectronics STLC1502 Datasheet HTML 32Page - STMicroelectronics STLC1502 Datasheet HTML 33Page - STMicroelectronics STLC1502 Datasheet HTML 34Page - STMicroelectronics STLC1502 Datasheet HTML 35Page - STMicroelectronics STLC1502 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
STLC1502
32/81
7.1 Timer
The Timer module connects to the Advanced Peripheral Bus.
Figure 9: Timer block diagram
This implementation consists of two major sections comprising:
All the control logic
Two instantiations of the free-running counters (FRCs)
The timer module has a series of memory-mapped locations that allow the state of the timer module to be read
from and written to via the APB.
7.1.1 Timer introduction
Two timers are defined and can be selected by the Control register:
Free-running mode:The timer wraps after reaching its zero value, and continues to count down from
the maximum value.
Periodic timer mode:The counter generates an interrupt at a constant interval.
7.1.2 Timer operation
The timer is loaded by writing to the load register and, if enabled, counts down to zero. When zero is reached,
an interrupt is generated. The interrupt may be cleared by writing to the Clear register.
After reaching a zero count, if the timer is operating in free-running mode it continues to decrement from its max-
imum value. If periodic timer mode is selected, the timer reloads from the load register and continues to decre-
ment. In this mode the timer effectively generates a periodic interrupt. The mode is selected by a bit in the
Control register.
At any point, the current timer value may be read from the Value register.
The timer is enabled by a bit in the control register. At reset, the timer is disabled, the interrupt is cleared and
the Load register is undefined. The mode and prescale values are also undefined.
CKTIMER
PWDATA [15:0]
PA[15:0]
PWRITE
PENABLE
BnRES
DSEL_TIMER
INTCT1
INTCT2
Prescaler
Load Registers
Control Registers
Control Logic
Control Section
FRC - Free Running
counter
FRC - Free Running
counter
Timer Section
PRDATA [15:0]
INTCT3
INTCT4
To PIC
To EDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com