Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 64Page - STMicroelectronics STLC1502 Datasheet HTML 65Page - STMicroelectronics STLC1502 Datasheet HTML 66Page - STMicroelectronics STLC1502 Datasheet HTML 67Page - STMicroelectronics STLC1502 Datasheet HTML 68Page - STMicroelectronics STLC1502 Datasheet HTML 69Page - STMicroelectronics STLC1502 Datasheet HTML 70Page - STMicroelectronics STLC1502 Datasheet HTML 71Page - STMicroelectronics STLC1502 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
STLC1502
68/81
Figure 14: PCM-block Interconnection Scheme
The PCM interface has 5 main signals:
DR (output): this is the serial data stream that the PCM sends to the codec
DX (input): this is the serial data stream sent by the codec and received by the PCM block
PCLK (input/output): this is the PCM clock sent to codec. In the application, the frequency is
2.048Mhz. The PCM clock can be generated by the PCM block from internal Master clock or can be
input externally, according to the bit CLKEN in configuration register
PFS (input/output): this signal is asserted high when the frame number zero is present on the serial
data stream; it is possible to program the codec so that the PCM block asserts this signal on a given
frame (FS). The same frame number is always present in the same time on DR and DX. The PFS
can be generated by division from PCLK or can be input externally, according to FSEN in the config-
uration register.
10.1 Miscellaneous Interface
This interface has two signals:
RSTn (input): this is the hardware active low reset
CLK (input): this is the master input clock coming from the external oscillator at 2.048Mhz in the cur-
rent application.
10.2 Interrupt Event Management
There are two interrupt lines that goes to the D950.
ITR3 line (Overrun)
ITR7 line (Frame synch).
DR
DX
PCLK
PFS
XAE(15:0)
XDE(15:0)
XWREn
XRDEn
XBSEn
ITR3n
ITR7n
RSTn
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com