Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 65Page - STMicroelectronics STLC1502 Datasheet HTML 66Page - STMicroelectronics STLC1502 Datasheet HTML 67Page - STMicroelectronics STLC1502 Datasheet HTML 68Page - STMicroelectronics STLC1502 Datasheet HTML 69Page - STMicroelectronics STLC1502 Datasheet HTML 70Page - STMicroelectronics STLC1502 Datasheet HTML 71Page - STMicroelectronics STLC1502 Datasheet HTML 72Page - STMicroelectronics STLC1502 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
69/81
STLC1502
Figure 15: Interrupt Block
10.3 Clock Distribution
The PCM block works at 2.048Mhz clock and it is a fully synchronous design at that frequency. No
gated clock, no latches are used.
The design is able to support also higher PCM hierarchies such as 4.096Mhz and 8.196Mhz.
The D950 interface works as a clock stage decoupling block. It can be accessed externally at 66Mhz,
while internally it works at 2.048Mhz.
10.4 Reset Distribution and Configuration
The PCM block has an explicit active low reset pin controlled by ARM.
A software reset is implemented in the PCM_CONFIGURATION register at the address 0x0002.
In the PCM_CONFIGURATION register there is also a bit that configures the FPGA itself as linear or
PCM coding.
10.5 Data Flow Management
Per each direction the PCM block contains a double buffer used to store and forward the voice samples. This
has to be big enough to store all (four) voice samples coming (and going) from (to) the SLICs contained in one
PCM frame. Actually the number of bits per voice channel per PCM frame is 8 in case of PCM coding (A low or
u low) and 16 in case of linear coding. Other bits are used to provide information about the number of the logic
channel the frame is associated with.
So, it is necessary to have two memory banks per direction.
For example, in the upstream direction (from the codec to the D950), one bank is used to store the incoming
voice samples (on-line bank) and the other used to keep the voice samples received in the previous PCM frame
(off-line bank) while they are read by the D950. This mechanism is needed because the PCM flow is synchro-
PCM_INTERRUPT_MASK
Enable
D950 ITR3
Other Interrupt Bit Slices
PCM_INTERRUPT
PCM_INTERRUPT_ROW
Interrupt Source
Interrupt Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com