Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 33Page - STMicroelectronics STLC1502 Datasheet HTML 34Page - STMicroelectronics STLC1502 Datasheet HTML 35Page - STMicroelectronics STLC1502 Datasheet HTML 36Page - STMicroelectronics STLC1502 Datasheet HTML 37Page - STMicroelectronics STLC1502 Datasheet HTML 38Page - STMicroelectronics STLC1502 Datasheet HTML 39Page - STMicroelectronics STLC1502 Datasheet HTML 40Page - STMicroelectronics STLC1502 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
37/81
STLC1502
•Timer2
•UART
•
Dual Port RAM
•I2C
•
Ethernet switch DMAC1
•
Ethernet switch DMAC2
•
SPI
•DMAC
•IRQ1/GPIO18
•IRQ2/GPIO19
•IKybd
•HPI
•Timer3
Even if only a single bit position is defined for FIQ, the interrupt controller can drive one of the interrupt source
(IRQ interrupt sources), through a register, in order to generate the FIQ interrupt.
The IRQ interrupt controller uses a bit position for each different interrupt source.
All interrupt source inputs must be active HIGH and level sensitive and it remain active until the interrupt cause
has been cancelled.
No hardware priority scheme nor any form of interrupt vectoring is provided, because these functions can be
provided in software.
A programmed interrupt register is also provided to generate an interrupt under software control.
Every interrupt source can be masked.
7.4.1 Interrupt control
The IRQ interrupt management is done as described in the following:
•
An interrupt is generated by a given device/source;
•
This cause is readable by the IRQRawStatus register;
•
If not masked (the mask is set by IRQEnableSet and reset by IRQEnableClear), this interrupt will
generate a IRQ signal to the ARM and the interrupt source will be known by a read of the IRQStatus
register.
•
The ARM will serve the IRQ reading at first in the IRQStatus the active interrupt requests and will
execute with a given priority the proper interrupt routine. Every routine must erase (quite soon) in
some way its interrupt request source. This causes also for the proper bit in the IRQRawStatus regis-
ter and in the IRQStatus register to disappear.
The same interlock is present for the FIQ interrupt.
7.4.2 Interrupt control scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com