Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 13Page - STMicroelectronics STLC1502 Datasheet HTML 14Page - STMicroelectronics STLC1502 Datasheet HTML 15Page - STMicroelectronics STLC1502 Datasheet HTML 16Page - STMicroelectronics STLC1502 Datasheet HTML 17Page - STMicroelectronics STLC1502 Datasheet HTML 18Page - STMicroelectronics STLC1502 Datasheet HTML 19Page - STMicroelectronics STLC1502 Datasheet HTML 20Page - STMicroelectronics STLC1502 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
17/81
STLC1502
The EDM block includes a decoder in order to generate proper CS to the external device. In particular this de-
coder will work on bits 25 and 26 of internal ARM address bus.
EDM decoding scheme
Every CS space can be programmed through internal register in order to configure the EDM to work
with the proper external device
The DRAM Controller has nine registers, the configuration register, four bank registers and four
SDRAM configuration registers. The registers are accesses via the APB bus. The register data path
is 16 bits wide.
6.3.1 EDM Register Map [0x0C580000]
The base address of the EDM register is 0x0C580000
EDM_RAS
OUT
SDRAM RAS signal. Not used with EDO.
EDM_CAS
OUT
SDRAM CAS signal. Not used with EDO
OEN
OUT
SRAM
Output
Enable.
Not
used
with
SDRAM
EDM_WE
OUT
DRAM Write Enable
EDM_BS(3:0)
OUT
SDRAM byte strobe. CAS when EDO memo-
ries are used
EDM_A(21::0)
OUT
DRAM address lines, only 14 lines are
driven.. Lines.21:14 are driven by static
memory controller
EDM_D(31:0)
INOUT
DRAM data lines, shared with static memory
controller lines.
EDM
Decoder
EDM_A(13:0)
Address
Register
Name
R/W
Notes
EDMBase +
0x00
MB1Config
R/W
Memory Bank 1 Configuration Register
EDMBase +
0x04
MB2Config
R/W
Memory Bank 2 Configuration Register
NAME
Signal type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com