Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 44Page - STMicroelectronics STLC1502 Datasheet HTML 45Page - STMicroelectronics STLC1502 Datasheet HTML 46Page - STMicroelectronics STLC1502 Datasheet HTML 47Page - STMicroelectronics STLC1502 Datasheet HTML 48Page - STMicroelectronics STLC1502 Datasheet HTML 49Page - STMicroelectronics STLC1502 Datasheet HTML 50Page - STMicroelectronics STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
STLC1502
48/81
Error Cases
BERR: Detection of a Stop or a Start condition during a byte transfer. In this case, the EVF and
BERR bits are set by hardware with an interrupt if ITE is set.
AF: Detection of a non-acknowledge bit. In this case, the EVF and AF bits are set by hardware with
an interrupt if the ITE bit is set. To resume, set the START or STOP bit.
ARLO: Detection of an arbitration lost condition. In this case the ARLO bit is set by hardware (with an
interrupt if the ITE bit is set and the interface goes automatically back to slave mode (the M/SL bit is
cleared).
Note: In all these cases, the SCL line is not held low; however, the SDA line can remain low due to possi-
ble «0» bits transmitted last. It is then necessary to release both lines by software.
Event Flags and interrupt generation diagram
7.6.4 I2C registers map [0X0C300000]
The base address of the Remap & Pause register is 0x0C300000.
The offset of any particular register from the base address is the following.
Address
Register
Name
R/W
Notes
I2C_regBase+ 0x20
I2CCR
R/W
I2C configuration register
I2C_regBase+ 0x24
I2CSR1
R/W
I2C status register 1
I2C_regBase+ 0x28
I2CSR2
R/W
I2C status register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com