Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 49Page - STMicroelectronics STLC1502 Datasheet HTML 50Page - STMicroelectronics STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics STLC1502 Datasheet HTML 54Page - STMicroelectronics STLC1502 Datasheet HTML 55Page - STMicroelectronics STLC1502 Datasheet HTML 56Page - STMicroelectronics STLC1502 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
53/81
STLC1502
7.9 HPI
The HPI is dual port SRAM based, with control that generates an interrupt when a message is sent. The DPRAM
is implemented on chip and has a message buffer size of 256 bytes for each direction. Input buffer is used for
messages from Host Processor to Stradivarius. Output buffer is used for messages from Stradivarius to Host
Processor.
The external bus interface of the HPI is compatible with Motorola MPC850 network processor. The
data bus width is 8 bits.
A status register, an index register (for the host processor), an interrupt mask register, and a mes-
sage buffer are required for both input and output transactions.
The Input Status Register (ISR) is set by the Host Processor by writing 0x01 and cleared by writing
0x00 to the location. It is cleared by ARM by writing anything to it.
The Output Status Registers (OSR) is set by the ARM by writing 0x01 and cleared by writing 0x00. It
is cleared by the Host Processor by writing anything to it.
The Input and Output Index Registers (IIR & OIR respectively) are reset to their starting value by writ-
ing 0x00 to their respective addresses. They can also be cleared by the Host Processor by writing
anything to them.
The Input Interrupt Mask Register (IIM) resets to 0x00, causing the Mask to be set (active low). This
means that before the ARM can receive message ready interrupts from the Host Processor, this reg-
ister must be written with 0x0001 (by ARM) to unmask the interrupt.
The Output Interrupt Mask Register (OIM) resets to 0x00, causing the Mask to be set (active low).
This means that before the Host Processor can receive message ready interrupts from the ARM, this
register must be written with 0x01 (by the Host Processor) to unmask the interrupt.
The Input and Output Message buffers are each 256 bytes long and 1 byte wide (an overflow in the
index register will not write to the other message buffer, but will start to overwrite the current mes-
sage buffer).
Addressing of the Input and Output Message Buffers by the Host Processor is implemented indirectly
via the Input and Output Index Registers. An external interrupt signal is generated when the output
status register is set by the ARM7. An ARM7 interrupt signal is generated when the input status reg-
ister is set by the Host Processor.
7.9.1 Send Message from Host Processor to ARM
Read Input Status Register. If h01, the ARM has not read out the last message. If 0x00, the ARM has
read the last message and the Input Message Buffer is available for use.
Clear Input Index Reg by writing any value to its address (b.100).
Write message into Input Message Buffer by consecutively writing to its address (b.111). Each write
will cause the Input Index Register to increment by 1 and access another byte location.
Write 0x01 to Input Status Register (address b.011) to interrupt the ARM
GPIO_regBase+ 0x08
Data
R/W
This register allows GPIO data
output setting
GPIO_regBase+ 0x0C
Status
R/W
Key data flag
GPIO_regBase+ 0x10
Key
R
Key value
Address
Register
Name
R/W
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com