Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 31Page - STMicroelectronics STLC1502 Datasheet HTML 32Page - STMicroelectronics STLC1502 Datasheet HTML 33Page - STMicroelectronics STLC1502 Datasheet HTML 34Page - STMicroelectronics STLC1502 Datasheet HTML 35Page - STMicroelectronics STLC1502 Datasheet HTML 36Page - STMicroelectronics STLC1502 Datasheet HTML 37Page - STMicroelectronics STLC1502 Datasheet HTML 38Page - STMicroelectronics STLC1502 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
35/81
STLC1502
7.2 Watchdog Timer
STLC1502 contains a Watchdog timer. This timer is used to reset the ARM7 in case of a software deadlock.
The watchdog timer generates a hot reset when it overflows which will restart the ARM, but the code will
not be downloaded again. The timer should be cleared by the software before it overflows.
It is based on a 8 bit counter which is clocked by a slow signal coming from a 17 bit prescaler clocked by
the system clock.
So the elapsing time of the watchdog timer depend on the system clock:
SYS_CLK:
13MHz => 2.58 seconds
26MHz => 1.29 seconds
39MHz => 0.86 seconds
52MHz => 0.64 seconds
This peripheral consists of a timer that continue to run and to reset the core if the software doesn’ t clear
it before it elapses. The software can clear or disable the timer by writing the WDOG_CONTROL register
7.2.1 Watch Dog Register Map [0x0C500000]
TimerBase + 0x28
Timer3Control
R/W
Timer3Control. The Control regis-
ter provides enable/disable, mode
and prescale configurations for the
timer (see Figure 10).
TimerBase + 0x0C
Timer3Clear
W
Timer3Clear. Writing to the Clear
location clears an interrupt gener-
ated by the counter timer.
TimerBase + 0x30
Timer4Load
R/W
Timer4Load. The Load register
contains the initial value of the timer
and is also used as the reload
value in periodic timer mode.
TimerBase + 0x34
Timer4Value
R
Timer4Value. The Value location
gives the current value of the timer.
TimerBase + 0x38
Timer4Control
R/W
Timer4Control. The Control regis-
ter provides enable/disable, mode
and prescale configurations for the
timer (see Figure 10).
TimerBase + 0x3C
Timer4Clear
W
Timer4Clear. Writing to the Clear
location clears an interrupt gener-
ated by the counter timer.
Address
Register Name
R/W
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com