Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 48Page - STMicroelectronics STLC1502 Datasheet HTML 49Page - STMicroelectronics STLC1502 Datasheet HTML 50Page - STMicroelectronics STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics STLC1502 Datasheet HTML 54Page - STMicroelectronics STLC1502 Datasheet HTML 55Page - STMicroelectronics STLC1502 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
STLC1502
52/81
7.8 GPIO/Keypad encoder
The GPIO block is available as a cell that controls 20 input/output pins. The block includes a key scanning
encoder. The encoder function is an alternative to the use of 12 I/O pins. The 12 pins are organized as a
6X6 matrix providing an interface to a 36 key keyboard. 16 pins are also multiplexed with the HPI external
interface. The HPI interface is selected by external pin HPISEL. Two pins GPIO18, GPIO19 are direct in-
terrupt sources in the interrupt register when programmed as inputs.
The pin description of the GPIO pins can be found in the Pin Description Table in Section 4.1.
7.8.1 GPIO operation mode
The GPIO operation mode is the Parallel Port mode.
Each of the 20 signals may be programmed as an input or an output through a set up register. Once pro-
grammed, each pin maintains its identity as an input or output. Voltages are standard process port levels,
0 and 3.3 volts. The on chip ARM processor may read or write to the port at any time.
7.8.2 Keyboard operation mode
The keyboard may contain up to 36 keys. Twelve (12) port pins provide a 6x6 scanning matrix. Six of the
pins are strobes and six of the pins are inputs. The application circuitry will provide small series resistors
to prevent electrostatic damage to the port pins.
The circuitry will scan the keys at a rate of 10, 20, 40 or 80 msecs, controlled by the software. Two suc-
cessive cycles are needed to validate a key. Only one key will be allowed down in a scan cycle. Once
validated as being down, the "no key down" condition must be validated for two complete cycles when the
key is released.
Every valid key condition will cause the value of the key to be written to a register and
an interrupt shall be set. Two key rollover will not be supported unless the solution is easier to implement
than the method described above.
7.8.4 GPIO registers map [0x0C400000]
The base address of GPIO registers is 0x0C400000.
The offset of any particular register from the base address is the following.
UART_regBase+ 0x20
ASCTxReset
WO
Flush Transmit buffer (Fifo)
UART_regBase+ 0x24
ASCRxReset
WO
Flush Receive buffer (Fifo)
Address
Register
Name
R/W
Notes
GPIO_regBase+ 0x00
Control
R/W
This register allows to set the
block functionality
GPIO_regBase+ 0x04
Mask
W
This register allows GPIO direc-
tion setting (output enable)
Address
Register Name
R/W
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com