Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics STLC1502 Datasheet HTML 54Page - STMicroelectronics STLC1502 Datasheet HTML 55Page - STMicroelectronics STLC1502 Datasheet HTML 56Page - STMicroelectronics STLC1502 Datasheet HTML 57Page - STMicroelectronics STLC1502 Datasheet HTML 58Page - STMicroelectronics STLC1502 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
55/81
STLC1502
7.10 Dual Port SRAM
A dual port SRAM 4096x16 connected between the APB bus and the X bus of the D950 domain, is used as a
mailbox between the ARM7 and the D950. The DPRAM can be written/read everywhere by both the ARM and
the D950. The DPRAM bank has two status sections consisting of 32, 16 bits memory locations, and a message
section consisting 4064 16 bit memory locations.
There are 4 hardware registers: ARM and D950 mailbox mask registers and ARM and D950 mailbox registers.
Mailbox registers: the writing of any value in a STATUS location will set the corresponding bit in the
MAILBOX to 1. This will generate an interrupt if the corresponding mailbox MASK register bit is set to
1, and won’t if the bit is set to 0. Reading a STATUS location will clear the corresponding bit in the
MAILBOX to 0. (note: Only the ARM can clear the D950 mailbox on a read, and only the D950 can
clear the ARM mailbox on a read. Likewise only the ARM can set the ARM Mailbox bits by writing to
the ARM STATUS registers, and only the D950 can set the D950 Mailbox by writing to the D950 STA-
TUS registers).
Mailbox MASK registers: writing 0 in a bit location will allow the STATUS location to set the corre-
sponding bit in the MAILBOX, but will mask out the generation of an interrupt. The Mailbox MASK
registers are both reset to all 0’s, so, by default, no interrupts will be generated.
7.10.1 DPRAM protocol
There can be up to 16 different communication channels that the D950 and the ARM can use to exchange mes-
sages between them. The allocation of the 4064 addressable message buffers locations in the DPRAM is com-
pletely under the programmer’s control. There is no intervention by the hardware on the DPRAM other than use
the first 32 locations to set and clear the MAILBOX registers and ultimately generate interrupts. A software pro-
tocol must be established in advance to safely pass messages.
Every time one of the two devices wants to write or receive a message, it should follow the example protocol
Table : Register map of the DPORT peripheral
Register Name
ARM 7 Address
Host Processor addr.
Output Status reg
HPI_regBase +0x0C00
0x0
Output Index reg
HPI_regBase +0x0C02
0x1
Output Mask reg
HPI_regBase +0x0C04
0x2
Input Status reg
HPI_regBase +0x0C06
0x3
Input Index reg
HPI_regBase +0x0C08
0x4
Input Mask reg.
HPI_regBase +0x0C0A
0x5
Output Message buffer
HPI_regBase +0x0000
-
HPI_regBase +0x01FE
0x6
Output Message buffer
HPI_regBase +0x0200
-
HPI_regBase +0x03FE
0x7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com