Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 50Page - STMicroelectronics STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics STLC1502 Datasheet HTML 54Page - STMicroelectronics STLC1502 Datasheet HTML 55Page - STMicroelectronics STLC1502 Datasheet HTML 56Page - STMicroelectronics STLC1502 Datasheet HTML 57Page - STMicroelectronics STLC1502 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
STLC1502
54/81
7.9.2 Receive Message from ARM by Host Processor
After receiving interrupt from ARM:
•
Clear Output Index Register (address b.001) by writing any value.
•
Read message from Output Message Buffer by consecutively reading from its address (b.110). Each
read will cause the Output Index Register to increment by 1 and access another byte location.
•
Clear the Output Status Reg (address b.000) by writing any value (the ARM can clear the OSR by
writing 0 to it).
7.9.3 Send Message from ARM to Host Processor
•
Read Output Status Register. If h0001, the HP has not read out the last message. If 0x0000, the HP
has read the last message and the Output Message Buffer is available for use.
•
Write message into Output Message Buffer. This buffer is directly addressable by the ARM.
•
Write 0x0001 to Output Status Register to interrupt the HP
7.9.4 Receive Message from Host Processor by ARM
After receiving interrupt from HP:
•
Read message from Input Message Buffer.This buffer is directly addressable by the ARM.
•
Clear the Input Status Reg by writing 0x0001 to its address (the HP can clear the ISR by writing 0 to
it).
In the following table there is the list of the available external signals of the HPI interface.
Table : External signals of HPI
7.9.5 HPI Memory map
NAME
Signal type
Description
HPI_CLK
IN
HPI bus clock form Host Processor
HPI_CS
IN
Active low select from Host Processor.
HPI_AS
IN
Address strobe from Host Processor.
HPI_R
W
IN
R/W from Host Processor
HPI_ADDR(2:0)
IN
Host Processor address
HPI_DATA(7:0)
INOUT
Host Processor data bus lines.
HP_INT
OUT
Interrupt to Host Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com