Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 36Page - STMicroelectronics STLC1502 Datasheet HTML 37Page - STMicroelectronics STLC1502 Datasheet HTML 38Page - STMicroelectronics STLC1502 Datasheet HTML 39Page - STMicroelectronics STLC1502 Datasheet HTML 40Page - STMicroelectronics STLC1502 Datasheet HTML 41Page - STMicroelectronics STLC1502 Datasheet HTML 42Page - STMicroelectronics STLC1502 Datasheet HTML 43Page - STMicroelectronics STLC1502 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
STLC1502
40/81
Int.Base + 0x0C
IRQSoft
R/W
Only the bit 1 has to be used.
Writing ‘1’ it generates an inter-
rupt mapped in the bit 1 of the
IRQStatus and of the IRQRaw-
Status registers. Writing ‘0’ the
software
interrupt
cause
is
erased.
Int.Base + 0x10
FIQStatus
R
For the FIQ interrupt cause, ‘1’
means an active pending inter-
rupt that has to be served by
the ARM.
Int Base + 0x14
FIQRawStatus
R
For the IRQ interrupt source, a
‘1’ means an active pending
interrupt “before” the mask (w/
o considering the mask)
Int.Base + 0x18
FIQEnableSet
R/W
For the FIQ interrupt source, a
‘0’ means that even if an inter-
rupt source is active, it has to
be
stopped
(masked).
The
write operation of 1 to the bit0,
enables the interrupt
Int.Base + 0x1C
IRQEnableClear
W
The write operation of 1 to a
given bit, disables the corre-
sponding interrupt. As conse-
quence, the corresponding bit
in the IRQEnableSet goes to 0
(interrupt disabled).
Int.Base + 0x20
FIQEnableClear
W
The write operation of 1 into
the bit 0 disables FIQ interrupt
cause. As a result, the bit 0 in
the FIQEnableSet goes to 0
(interrupt disabled).
Int.Base + 0x24
IRQTestSource
R/W
Usable when the bit 0 of the
IRQSourceSel is set to one. In
this case this register is the
interrupt source cause. If set,
the cause is active (interrupt
generated) while if reset, the
cause is not active.
Address
Register Name
R/W
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com