Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 20Page - STMicroelectronics STLC1502 Datasheet HTML 21Page - STMicroelectronics STLC1502 Datasheet HTML 22Page - STMicroelectronics STLC1502 Datasheet HTML 23Page - STMicroelectronics STLC1502 Datasheet HTML 24Page - STMicroelectronics STLC1502 Datasheet HTML 25Page - STMicroelectronics STLC1502 Datasheet HTML 26Page - STMicroelectronics STLC1502 Datasheet HTML 27Page - STMicroelectronics STLC1502 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
STLC1502
24/81
6.5.3 Transfer interrupts
The DMA_MAC can interrupt the CPU with three different levels of information about transfer completion.
The CPU can choose which interrupt needs to be enabled. They do not exclude each other though; they
can be all three enabled at the same time.
The TX_CURR_DONE (RX_CURR_DONE) interrupt bit reports the CPU when a single Descriptor (i.e.
one frame) has been completely treated by the DMA_MAC and the CPU is again the owner (VALID bit
set to 0).
The TX_NEXT (RX_NEXT) interrupt bit is set when next descriptor fetch is enabled (NXT_EN=1 in the
current descriptor) the next Descriptor is not valid (VALID bit is off).
The TX_DONE (RX_DONE) interrupt bit is set when a whole DMA transfer is complete. This can happen
either when the current is the last Descriptor in the chain (NXT_EN is off) or when the next Descriptor is
not valid yet (VALID bit is off) and the polling is disabled (NPOL_EN bit is off).
6.5.4 Frames transmission (TX)
When the CPU wants to transmit a set of frames on the cable, it needs to provide the DMA_MAC with a
Descriptor list. The CPU is expected to allocate a Descriptor for each frame it wants to send, to fill it with
the DMA control information and the pointer to the frame, and to link the Descriptor in the chain. The
frames will be sent on the cable in the same order they are found in the chain.
6.5.6 Open list approach
The simplest way to construct a Descriptor chain is the open list approach. Every Descriptor but the last
one will have the DMA_Next field pointing to the next Descriptor in the chain, the NXT_EN bit and the
VALID bit on, the NPOL_EN bit on/off. The last Descriptor will be set in the same way except for the
NXT_EN bit (off) and the DMA_Next field (NULL).
The CPU starts the DMA activity loading the physical location of the first Descriptor into the DMA
Next register of the DMA_MAC and set the DMA Start register enable bit to on.
The DMA_MAC will then keep fetching the Descriptors one by one until it finds the NXT_EN bit of the
last Descriptor set to off. Every time it completes a Descriptor (frame) it saves the transfer status into
TxRx_Status, it turns the Descriptor VALID bit to off and raises the TX_CURR_DONE interrupt bit.
When the NXT_EN bit is found to be off, that means the DMA_MAC has fetched the last Descriptor in
the chain. When it completes also this Descriptor (the end of the DMA transfer) it raises both the
TX_CURR_DONE and the TX_DONE interrupt bits.
6.5.7 Closed list approach
The approach above is easy since it doesn’t require the DMA_MAC and the CPU to synchronize their ac-
cess to the Descriptor chain. The problem is that it requires the CPU to build the list every time it needs a
transfer.
A faster way to operate is building a closed Descriptor list only the first time and using the VALID bit to
mark the end of the transfer. The polling facility could also be used to save the CPU from the activity of
programming the DMA Start register every time it needs to start the DMA transfer. Instead, the DMA Start
register will be activated only once and the DMA_MAC will keep polling the invalid descriptor, raising
each time the TX_NEXT interrupt bit (if enabled), until the CPU finally sets its VALID bit to on. Since the
DMA transfer practically never ends, note that in this case the TX_DONE interrupt bit is never raised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com