Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 25Page - STMicroelectronics STLC1502 Datasheet HTML 26Page - STMicroelectronics STLC1502 Datasheet HTML 27Page - STMicroelectronics STLC1502 Datasheet HTML 28Page - STMicroelectronics STLC1502 Datasheet HTML 29Page - STMicroelectronics STLC1502 Datasheet HTML 30Page - STMicroelectronics STLC1502 Datasheet HTML 31Page - STMicroelectronics STLC1502 Datasheet HTML 32Page - STMicroelectronics STLC1502 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
29/81
STLC1502
6.6 Arbiter
The arbiter is used to ensure that, at any point in time, only one master has access to the bus. It performs this
function by observing all of the bus master requests to use the bus, and deciding which is currently the highest
priority. It has a standard interface to all bus masters and split-capable slaves in the system. However it does
not support SPLIT bus transfers.
A bus master may request the bus during any cycle by setting its HBUSREQ output HIGH. This is then sampled
by the arbiter on the rising edge of the clock, and passed through the priority algorithm to decide which master
will have access to the bus during the next cycle. The HGRANT then outputs change to indicate which master
currently is granted control of the bus.
The HLOCK signals may be used to ensure that during an indivisible transfer, the current grant outputs do not
change. HLOCK must be asserted at least one cycle before the locked transfer to prevent the arbiter from
changing the grant signals. When more than one master requests ownership of the system bus, the priority used
for arbitration is:
• Highest: TIC
• Printer Drive Control
• DMA Controller
• Lowest: ARM7TDMI (default master)
The ARM7TDMI will periodically assume top priority on the system bus: this period can be programmed. Also,
it will assume top priority when an interrupt occurs, if the interrupt mode is enabled. During reset, and when no
other masters are requesting control of the bus, the ARM7TDMI is selected as the currently granted master.
This minimizes the delay required for the core to perform a transfer on the bus, as it does not have to wait to be
granted control of the bus before it can start a new transfer.
The system also requires a default master, which is selected when no masters are granted control of the bus,
for example, when all system bus masters are waiting for split transfers to complete. The default master per-
forms IDLE transfers while it is granted control of the bus. The bus grant outputs may change while HREADY
is LOW, but the newly granted master may only drive the bus when the current transfer has completed. This
requires that bus masters only drive the bus after they detect that both their HGRANT and HREADY inputs are
set HIGH.
All registers used in the system are clocked from the rising edge of the system clock HCLK, and use the asyn-
chronous reset HRESETn. The arbiter control and status registers are accessed via the APB bus.
Eth_base2+ 0x013C
RX_FIFO_15
RX FIFO 32 bit word #15
Eth_base2+ 0x0180-
Eth_base2+ 0x01FC
Reserved
Eth_base2+ 0x0200
TX_FIFO_0
TX FIFO 32 bit word #0
....
...
...
Eth_base2+ 0x023C
TX_FIFO_15
TX FIFO 32 bit word #15
Eth_base2+ 0x0280-
Eth_base2+ 0x03FF
Reserved
Eth_base2+ 0x0400-
Eth_base2+ 0x07FF
MAC110
Refer to the InSilicon MAC110 specifica-
tion (see Ref. [2])
Address
Register Name
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com