Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics STLC1502 Datasheet HTML 54Page - STMicroelectronics STLC1502 Datasheet HTML 55Page - STMicroelectronics STLC1502 Datasheet HTML 56Page - STMicroelectronics STLC1502 Datasheet HTML 57Page - STMicroelectronics STLC1502 Datasheet HTML 58Page - STMicroelectronics STLC1502 Datasheet HTML 59Page - STMicroelectronics STLC1502 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
STLC1502
56/81
here below, where the D950 sends a message to the ARM. The same apply in the reverse direction with ARM
and D950 side swapped.
•
The D950 reads the D950 MAILBOX register bit corresponding to the channel it wants use for the
message. If it is set to 1, the previous message has not been read by the ARM and the channel is not
available. If the content of that bit is 0, then the D950 can write the message for the ARM into the
appropriate section of the DPRAM
•
The D950 writes any value in the appropriate D950_STATUS_X location (0<= X<= 15), indicating
that the message has just been put in the DPRAM. This will cause the corresponding bit in the D950
MAILBOX register to be set to 1.
•
If the corresponding bit in the D950 Mailbox Mask register is set to 1, then an interrupt request for the
ARM will be generated. The interrupt line is the logical OR of all the unmasked bits in the D950 MAIL-
BOX register.
•
The ARM interrupt service routine will read the D950 MAILBOX register and compare this with the
D950 Mailbox MASK register to determine which channel caused the interrupt.
•
The ARM reads the appropriate section of the DPRAM. When it has finished reading the message, it
reads the corresponding D950 STATUS location.
•
This latest read clears the corresponding bit in the D950 MAILBOX register. If no other unmasked
bits are set in the D950 MAILBOX register, the ARM interrupt clears, otherwise remains set.
•
Multiple channels can be used concurrently. It is up to the receiver to manage this eventuality. So the
DPRAM can be used to buffer the messages as it is processed, while other channels are still availa-
ble for communication.
7.10.2 Dual Port memory map [0x0C180000]
The base address of the Dual Port memory is 0x0C180000.
The base address of control registers is 0x0C188000
The DPRAM is mapped in the ARM memory space as shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com