Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 70Page - STMicroelectronics STLC1502 Datasheet HTML 71Page - STMicroelectronics STLC1502 Datasheet HTML 72Page - STMicroelectronics STLC1502 Datasheet HTML 73Page - STMicroelectronics STLC1502 Datasheet HTML 74Page - STMicroelectronics STLC1502 Datasheet HTML 75Page - STMicroelectronics STLC1502 Datasheet HTML 76Page - STMicroelectronics STLC1502 Datasheet HTML 77Page - STMicroelectronics STLC1502 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
STLC1502
74/81
Table 3. General AC Specifications
Table 2. General DC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
General DC
Vdd3
Supply Voltage
3.15
3.3
3.45
V
Vdd
Core Supply Voltage
2.35
2.5
2.65
V
Idd3
Operating Current
70
mA
Idd
Operating Current
170
mA
Voltage/Current Characteristics
V IL
Input low level
0
0.2VDD
V
V IH
Input high level
0.8VDD
VDD
V
V OL
Output low level
0.4
V
V OH
Output high level
0.85VDD
V
ARM AC Characteristics
Tmckl
MCLK LOW time
15.1
ns
Tmckh
MCLK HIGH time
15.1
ns
Tws
nWAIT setup to MCLKr
2.3
ns
Twh
nWAIT hold from CKf
1.1
ns
Taddr
MCLKr to address valid
14.0
ns
Tmsd
MCLKf to nMREQ & SEQ valid
17.9
ns
Tah
Address hold time from MCLKr
2.4
Trwd
MCLKr to nRW valid
14.0
Trwh
nRW hold time from MCLKr
2.4
Tcdel
MCLK to ECLK delay
2.9
Trstl
nRESET LOW for guaranteed
reset
2 MCLK
cycles
D950 AC Characteristics
t0
Master clock cycle time
7.5
ns
t3
CLKOUT high delay
4.0
ns
t4
CLKOUT low delay
3.3
ns
t5
INCYCLE high delay
-0.1
ns
t6
INCYCLE low delay
-0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com