Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 16Page - STMicroelectronics STLC1502 Datasheet HTML 17Page - STMicroelectronics STLC1502 Datasheet HTML 18Page - STMicroelectronics STLC1502 Datasheet HTML 19Page - STMicroelectronics STLC1502 Datasheet HTML 20Page - STMicroelectronics STLC1502 Datasheet HTML 21Page - STMicroelectronics STLC1502 Datasheet HTML 22Page - STMicroelectronics STLC1502 Datasheet HTML 23Page - STMicroelectronics STLC1502 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
STLC1502
20/81
MIAB: Memory Interface Address Bus
MIWE: Memory Interface Write Enable
MIAA: Memory Interface Access Active (nCAS)
MISA: Memory Interface Setup Active (nRAS)
After the power-up the CPU must configure each SDRAM device, i.e. perform precharge-refresh-mode register
set procedure.
6.3.1.3 Memory Configuration register
Memory configuration registers are used to setup parameters that are same for all banks:
PWS: Power save mode
If PWS bit is set to’1’, the next refresh cycle will set the memory devices in the self-refresh mode.
The memories will exit the self-refresh mode, when the PWS mode is set to’0’.
TYPE: Memory type:
The TYPE bit is used to select a type of the external memory.
•1 - SDRAM
•0 - EDO
B3EN: Bank 3 enable
B2EN: Bank 2 enable
B1EN: Bank 1 enable
B0EN: Bank 0 enable
The bank enable bits are used to enable each bank separately.
If an AHB transfer is accessing a disabled bank, the DRAM Controller will return the error response
to the AHB master.
REFR: Refresh period
The REFR value is used to determine the refresh period. The period can be set in the 1 us steps.
REFR Refresh Period
00000000 Refresh is disabled
00000001 Refresh period is 1us
00000010 Refresh period is 2us
•.
11111111 Refresh period is 255us
6.4 DMA Controller
The DMA controller is intended to be used with the Ethernet switch block to transfer Ethernet frames
between the Ethernet switch buffers and memory.
The DMAC needs initialization before starting operation. During operation it does not need interven-
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1 0
Reserved
PWS
TYPE
B3EN
B2EN
B1EN
B0EN
REFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com