Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 69Page - STMicroelectronics STLC1502 Datasheet HTML 70Page - STMicroelectronics STLC1502 Datasheet HTML 71Page - STMicroelectronics STLC1502 Datasheet HTML 72Page - STMicroelectronics STLC1502 Datasheet HTML 73Page - STMicroelectronics STLC1502 Datasheet HTML 74Page - STMicroelectronics STLC1502 Datasheet HTML 75Page - STMicroelectronics STLC1502 Datasheet HTML 76Page - STMicroelectronics STLC1502 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
73/81
STLC1502
11.0 Electrical Specifications and Timings
Table 1. Absolute Maximum Ratings
0x0019
PCM_LIN_VOIC
E_FRAME_FRO
M_CODEC_1
Upstream Linear
Voice Sample
Register for ch1
0x001A
PCM_LIN_VOIC
E_FRAME_FRO
M_CODEC_2
Upstream Linear
Voice Sample
Register for ch 2
0x001B
PCM_LIN_VOIC
E_FRAME_FRO
M_CODEC_3
Upstream Linear
Voice Sample
Register for ch 3
0x001C
PCM_LIN_VOIC
E_FRAME_TO_C
ODEC_0
Downstream Lin-
ear Voice Sample
Register for ch 0
0x001D
PCM_LIN_VOIC
E_FRAME_TO_C
ODEC_1
Downstream Lin-
ear Voice Sample
Register for ch 1
0x001E
PCM_LIN_VOIC
E_FRAME_TO_C
ODEC_2
Downstream Lin-
ear Voice Sample
Register for ch 2
0x001F
PCM_LIN_VOIC
E_FRAME_TO_C
ODEC_3
Downstream Lin-
ear Voice Sample
Register for ch 3
Parameter
Value
Supply Voltage(Vcc)
-0.5 V to 7.0 V
Input Voltage
-0.5 V to VCC + 0.5 V
Output Voltage
-0.5 V to VCC + 0.5 V
Storage Temperature
-65
°C to 150 °C(-85°F to 302°F)
Ambient Temperature
0
°C to 70°C(32°F to 158°F)
ESD Protection
2000V
Address
Register Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com