Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 17Page - STMicroelectronics STLC1502 Datasheet HTML 18Page - STMicroelectronics STLC1502 Datasheet HTML 19Page - STMicroelectronics STLC1502 Datasheet HTML 20Page - STMicroelectronics STLC1502 Datasheet HTML 21Page - STMicroelectronics STLC1502 Datasheet HTML 22Page - STMicroelectronics STLC1502 Datasheet HTML 23Page - STMicroelectronics STLC1502 Datasheet HTML 24Page - STMicroelectronics STLC1502 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
21/81
STLC1502
tion from the ARM controller.
In receive, when the complete frame is stored in memory, the DMAC asserts the interrupt for the
ARM that can read the frame.
In transmit the DMAC provides an interrupt when the complete frame is transferred.
6.5 Ethernet Switch
The Ethernet switch block interfaces two MAC cores to implement a 3-port Ethernet Fast switch and MAC layer
for the Embedded VoIP network software.
Main features of the block are:
Internal FIFOs for easy DMA transfers.
Full duplex support using separate Tx, Rx FIFOs.
Fast switching using hardware connections between the two MAC cores. ARM microcontroller is not
involved in the switching function.
Support for priority mechanism for voice packets, using store-and-forward procedure for incoming
data packets.
VLAN support
10/100 Mb/s data transfer rates
The MAC cores provide 2 MII interfaces to connect two external PHYs.
The device works normally as a bidirectional switch between the two ports. When the following conditions hap-
pen the device triggers additional operations:
Received frame destination MAC address matches device MAC address. The frame is transferred to
memory using DMA, and is not switched to the other port.
A frame has to be transmitted by the device. In this case the block waits for the end of the current
frame being switched if any. If the frame is a voice frame, as soon as the line is free the block starts
transfer of the frame. Eventual incoming frames in the same direction are stored and forwarded after
the voice frame has been sent.
The block diagram of the Ethernet switch is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com