Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 42Page - STMicroelectronics STLC1502 Datasheet HTML 43Page - STMicroelectronics STLC1502 Datasheet HTML 44Page - STMicroelectronics STLC1502 Datasheet HTML 45Page - STMicroelectronics STLC1502 Datasheet HTML 46Page - STMicroelectronics STLC1502 Datasheet HTML 47Page - STMicroelectronics STLC1502 Datasheet HTML 48Page - STMicroelectronics STLC1502 Datasheet HTML 49Page - STMicroelectronics STLC1502 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
STLC1502
46/81
software).
Note: In 10-bit addressing mode, the comparison includes the header sequence (11110xx0) and the two
most significant bits of the address.
Header matched (10-bit mode only): the interface generates an acknowledge pulse if the ACK bit
is set.
Address not matched: the interface ignores it and waits for another Start condition.
Address matched: the interface generates in sequence:
• Acknowledge pulse if the ACK bit is set.
• EVFand ADSL bits are set with an interrupt if the ITE bit is set.
Then the interface waits for a read of the SR1 register, holding the SCL line low. Next, read the DR register to
determine from the least significant bit (Data Direction Bit) if the slave must enter Receiver or Transmitter mode.
In 10-bit mode, after receiving the address sequence the slave is always in receive mode. It will enter transmit
mode on receiving a repeated Start condition followed by the header sequence with matching address bits and
the least significant bit set (11110xx1).
Slave Receiver
After the address reception and SR1 register has been read, the slave receives bytes from the SDA line
into the DR register via the internal shift register. After each byte the interface generates in sequence:
– Acknowledge pulse if the ACK bit is set
– EVF and BTF bits are set with an interrupt if the ITE bit is set.
Then the interface waits for a read of the SR1 register followed by a read of the DR register, holding the
SCL line low.
Slave Transmitter
After the address reception and the SR1 register has been read, the slave sends bytes from the DR reg-
ister to the SDA line via the internal shift register. The slave waits for a read of the SR1 register followed
by a write in the DR register, holding the SCL line low.
When the acknowledge pulse is received:
– The EVF and BTF bits are set by hardware with an interrupt if the ITE bit is set.
Closing slave communication
After the last data byte is transferred a Stop Condition is generated by the master. The interface detects
this condition and sets:
– EVF and STOPF bits with an interrupt if the ITE bit is set.Then the interface waits for a read of the SR2
register
Error Cases
– BERR: Detection of a Stop or a Start condition during a byte transfer. In this case, the EVF and the
BERR bits are set with an interrupt if the ITE bit is set. If it is a Stop then the interface discards the data,
released the lines and waits for another Start condition. If it is a Start then the interface discards the data
and waits for the next slave address on the bus.
– AF: Detection of a non-acknowledge bit. In this case, the EVF and AF bits are set with an interrupt if the
ITE bit is set.
Note: In both cases, SCL line is not held low; however, SDA line can remain low due to possible «0» bits
transmitted last. It is then necessary to release both lines by software.
How to release the SDA / SCL lines:
Set and subsequently clear the STOP bit while BTF is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com