Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1502 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 45Page - STMicroelectronics STLC1502 Datasheet HTML 46Page - STMicroelectronics STLC1502 Datasheet HTML 47Page - STMicroelectronics STLC1502 Datasheet HTML 48Page - STMicroelectronics STLC1502 Datasheet HTML 49Page - STMicroelectronics STLC1502 Datasheet HTML 50Page - STMicroelectronics STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
49/81
STLC1502
7.7 UART-Universal Asynchronous Receiver Transmitter
The UART provides a serial data communication with transmit and receive channels that can operate
concurrently to handle a full-duplex operation. Two internal FIFOs for transmitted and received data,
deep 16 and wide 8 bits, are present; these FIFOs can be enabled or disabled through a register. Inter-
rupts are provided to control reception and transmission of serial data.
The clock for both transmit and receive channels is provided by an internal baud rate generator that
divides its input clock by any divisor value from 1 to 2 16 - 1.
7.7.1 Operation
The UART supports full-duplex asynchronous communication, where both the transmitter and the
receiver use the same data frame format and the same baud rate. Data is transmitted on the TXD pin and
received on the RXD pin.
Data frames
8-bit data frames either consist of:
eight data bits D0-7 (by setting the Mode bit field to 001);
seven data bits D0-6 plus an automatically generated parity bit (by setting the Mode bit field to 011).
Parity may be odd or even, depending on the ParityOdd bit in the ASCControl register. An even parity bit
will be set, if the modulo-2-sum of the seven data bits is 1. An odd parity bit will be cleared in this case.
The parity error flag (ParityError) will be set if a wrong parity bit is received. The parity bit itself will be
stored in bit 7 of the ASCRx-Buffer register.
8-bit data frame
9-bit data frames either consist of:
nine data bits D0-8 (by setting the Mode bit field to 100)
eight data bits D0-7 plus an automatically generated parity bit (by setting the Mode bit field to 111)
eight data bits D0-7 plus a wake-up bit (by setting the Mode bit field to 101)
I2C_regBase+ 0x2C
I2CCCR
R/W
I2C Clock Control register.
I2C_regBase+ 0x30
I2COAR1
R/W
I2C Own Address register
I2C_regBase+ 0x34
I2COAR2
R/W
I2C Own Address register
I2C_regBase+ 0x38
I2CDR
R/W
I2C Data I/O register.
Address
Register
Name
R/W
Notes
Start
bit
D0
D1
D2
D3
D4
D5
D6
1st
bit
stop
bit
8th
bit
stop
2nd
-Data bit (D7)
-Parity bit
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com